Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 8 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 4Page - Analog Devices LT7184SRVPBF Datasheet HTML 5Page - Analog Devices LT7184SRVPBF Datasheet HTML 6Page - Analog Devices LT7184SRVPBF Datasheet HTML 7Page - Analog Devices LT7184SRVPBF Datasheet HTML 8Page - Analog Devices LT7184SRVPBF Datasheet HTML 9Page - Analog Devices LT7184SRVPBF Datasheet HTML 10Page - Analog Devices LT7184SRVPBF Datasheet HTML 11Page - Analog Devices LT7184SRVPBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
8 of 52
(TA = 25°C for typical values. For minimum and maximum values, specifications apply over the full operating
temperature range unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT UV/OV Fault/Warning
Time
VOUT = 10mV Beyond Threshold
25
μs
INPUT VOLTAGE SUPERVISORS
ON Threshold
Programming Range
PVIN rising, TA = 25°C
1.4
16
V
OFF Threshold
Programming Range
PVIN falling, TA = 25°C
1.35
16
V
ON/OFF Threshold
Programming
Step Size
25
mV
ON/OFF Threshold
Set Point Accuracy
VIN_ON/OFF ≤ 5V
-100
100
mV
5V ≤ VIN_ON/OFF ≤ 20V
-2
2
%
PVIN Overvoltage Lockout
Threshold
PVIN0 or PVIN1 Rising
17.26
17.6
17.94
V
PVIN0 or PVIN1 Falling
16.26
16.7
17.14
V
OSCILLATOR AND PHASE-LOCKED LOOP
SYNC Input Frequency
Range
500
4000
kHz
Switching Frequency
Programmable Range
TA = 25°C
500
4000
kHz
Switching Frequency Set
Point Accuracy
-7.5
7.5
%
Switching Phase
Programming Range
0
345
deg
Switching Phase
Programmable
Resolution
15
deg
TELEMETRY READBACK
Telemetry Measurement
Period, All Except Die
Temperature
Standard Telemetry Mode
6.5
ms
Telemetry Measurement
Period, All except Die
Temperature
Low-Frequency Telemetry
110
ms
Telemetry Measurement
Period, Die Temperature
26
ms
OUTPUT VOLTAGE READBACK
READ_VOUT Accuracy
High-Performance Low-VOUT Mode,
0.6V ≤ VOUT ≤ 1.375V
-0.2
0.2
%
0.4V < VOUT < 5.5V
-0.4
0.4
%
PVIN0, PVIN1 INPUT VOLTAGE READBACK
READ_VIN Accuracy
1.5V ≤ PVIN ≤ 3.0V
-30
30
mV
3.0V ≤ PVIN ≤ 16V
-1
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com