Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 7 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 7 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 3Page - Analog Devices LT7184SRVPBF Datasheet HTML 4Page - Analog Devices LT7184SRVPBF Datasheet HTML 5Page - Analog Devices LT7184SRVPBF Datasheet HTML 6Page - Analog Devices LT7184SRVPBF Datasheet HTML 7Page - Analog Devices LT7184SRVPBF Datasheet HTML 8Page - Analog Devices LT7184SRVPBF Datasheet HTML 9Page - Analog Devices LT7184SRVPBF Datasheet HTML 10Page - Analog Devices LT7184SRVPBF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
7 of 52
(TA = 25°C for typical values. For minimum and maximum values, specifications apply over the full operating
temperature range unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier
Transconductance
(gm(MAX))
High-Performance, Low VOUT Mode,
0.6V ≤ VOUT ≤ 1.375V,
Includes Internal VOUT Feedback Divider
5000
μS
Error Amplifier
Transconductance
(gm(MIN))
High-Performance, Low VOUT Mode,
0.6V ≤ VOUT ≤ 1.375V,
Includes Internal VOUT Feedback Divider
625
μS
Error Amplifier
Transconductance
(gm step size)
High-Performance, Low VOUT Mode,
0.6V ≤ VOUT ≤ 1.375V,
Includes Internal VOUT Feedback Divider
625
μS
Internal Compensation
Resistor Programming
Resolution
Internal Compensation
(ITH connected to INTVCC)
3
Bits
Internal Compensation
Capacitor Programming
Resolution
Internal Compensation
(ITH connected to INTVCC)
3
Bits
Positive Inductor Valley
Current Limit: (ILIM-POS)2
(Sourcing Output
Current)
ILIM Range 0
3.4
4
4.5
A
ILIM Range 1
6.0
7
7.5
A
ILIM Range 2
7.8
9
10
A
ILIM Range 3
7.8
9
10
A
Negative Inductor Valley
Current Limit (ILIM-NEG)2
(Sinking Output Current)
ILIM Range 0
-4
-3.5
-3.0
A
ILIM Range 1
-6.5
-6
-5.5
A
ILIM range 2
-8.5
-7.5
-6.5
A
ILIM Range 3
-10
-9
-8
A
Minimum On-Time
(tMIN-ON)
ILOAD = +1A, FASTSLEW = 1
25
40
ns
Minimum Off-Time
(tMIN-OFF)
85
125
ns
POWER FETs
On-Resistance (RDS-ON)
Top Switch
25
mΩ
Bottom Switch
7
mΩ
SW Leakage
PVIN = 16V, VSW = 0V, 16V, TA = 25°C
-20
20
μA
OUTPUT VOLTAGE SUPERVISORS
VOUT Undervoltage (UV)
Fault/Warning
Programming Range
TA = 25°C
0.36
5.5
V
VOUT Overvoltage (OV)
Fault/Warning
Programming Range
TA = 25°C
0.4
6
V
VOUT UV/OV Fault/Warning
Threshold Accuracy
VOUT UV/OV Threshold < 0.6V
-12
12
mV
VOUT UV/OV Threshold ≥ 0.6V
-2
2
%
VOUT UV/OV Fault/Warning
Programming Step-Size
4
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com