Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 26 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 26 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 22Page - Analog Devices LT7184SRVPBF Datasheet HTML 23Page - Analog Devices LT7184SRVPBF Datasheet HTML 24Page - Analog Devices LT7184SRVPBF Datasheet HTML 25Page - Analog Devices LT7184SRVPBF Datasheet HTML 26Page - Analog Devices LT7184SRVPBF Datasheet HTML 27Page - Analog Devices LT7184SRVPBF Datasheet HTML 28Page - Analog Devices LT7184SRVPBF Datasheet HTML 29Page - Analog Devices LT7184SRVPBF Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
26 of 52
FAULT
PINS
A fault will cause the FAULTN pin to pull low if the corresponding FAULT_RESPONSE command is programmed to
shut down the regulator output and the MFR_FAULT_PROPAGATE_LT7184S command is configured to propagate
the fault to the open drain FAULTN pin.
Once the LT7184S pulls down a FAULTN pin, the device will continue to hold the pin low until one of the following
occurs:
The channel retries for faults that are configured to retry.
The faulted channel is disabled and then re-enabled.
A RESTORE_USER_ALL or MFR_RESET command is received.
Input power is removed from both PVIN0 and EXTVCC.
The FAULTN pin can also be used as an input to provide a method for the LT7184S to respond to external faults.
The channel turns off immediately if the channel's FAULTN pin is pulled low externally. This enables the
coordination of faults among multiple power systems management products.
PGOOD PINS
The open-drain PGOODN pins are each pulled low if the corresponding channel is off for any reason, during soft-start
and soft-stop, or if the output voltage is below the VOUT_UV_FAULT_LIMIT or above the VOUT_OV_FAULT_LIMIT.
ALERT
PIN
The SMBALERT_MASK command configures which warning and fault indicators cause the LT7184S to pull down the
open drain ALERT pin. Once the LT7184S pulls down the ALERT pin, the device will continue to hold the pin low
until one of the following occurs:
The faulted channel is disabled and then re-enabled.
A CLEAR_FAULTS, RESTORE_USER_ALL or MFR_RESET command is received.
All unmasked status bits are cleared by writing a 1 to each Bit.
The LT7184S successfully transmits its address during a PMBus Alert Response Address (ARA).
Input power is removed from both PVIN0 and EXTVCC.
FAULT
Event Logging
If a fault condition occurs that is configured to turn off the regulator output, an event is written in the fault log in
EEPROM. Any preceding warning or fault that is not configured to turn off the output is written as a sub-event when
an event is written. A timestamp is written with each event and sub-event. The fault log stores up to three fault-off
events. The fault log may be read by the MFR_FAULT_LOG command. The fault log is cleared from EEPROM by
writing the MFR_FAULT_LOG_CLEAR command. The fault log function is enabled by default and may be disabled by
clearing Bit 7 of the MFR_CONFIG_ALL command. Refer to the MFR_FAULT_LOG command in the LT7184S
PMBus/I2C Reference Manual for more details.
Table 6. Factory Default Warnings and Fault Behavior
WARNING OR
FAULT TYPE1
DETECTION
METHOD
DEFAULT THRESHOLD
DEFAULT
REGULATOR
RESPONSE
DEFAULT PIN RESPONSE
PGOODN
FAULTN
ALERT
VOUT UV Warning
VSENSE
comparator
VOUT_COMMAND - 6.5%
Continue
operation
Pull
low
VOUT OV Warning
VSENSE
comparator
VOUT_COMMAND + 7.5%
Continue
operation
Pull
low
VOUT UV Fault
VSENSE
comparator
VOUT_COMMAND - 7%
Continue
operation
Pull
low
Pull
low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com