Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 21 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 21 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 17Page - Analog Devices LT7184SRVPBF Datasheet HTML 18Page - Analog Devices LT7184SRVPBF Datasheet HTML 19Page - Analog Devices LT7184SRVPBF Datasheet HTML 20Page - Analog Devices LT7184SRVPBF Datasheet HTML 21Page - Analog Devices LT7184SRVPBF Datasheet HTML 22Page - Analog Devices LT7184SRVPBF Datasheet HTML 23Page - Analog Devices LT7184SRVPBF Datasheet HTML 24Page - Analog Devices LT7184SRVPBF Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
21 of 52
BLOCK DIAGRAM
Figure 33. LT7184S Functional Block Diagram
+
ON-TIME
CONTROL
VOUT
DIVIDER
COMP
SELECT
PWM
LOGIC
ADC
CURRENT
SENSE
CHANNEL0
D/A
PGND
PVIN
BOOST0
BOOST0
VSENSE0N
VSENSE0P
SW0
SWRCLK0 SW0
gMEA
CONTROL
PVIN0
MPBST
MNTOP
DRVCC
DRVCC
MNBOT
CURRENT
COMPARATOR
REVERSE
CURRENT
COMPARATOR
BG
FB
TG
VOUT_OV
EA
D/A
VOUT_OV
CONTROL
VOUT
CONTROL
VOUT_UV
CONTROL
VIN_ON
CONTROL
VOUT_UV
+
–
D/A
VIN_ON
D/A
PLL
OSCILLATOR
RITH
SELECT
CITH
SELECT
CONFIGURATION
RESISTOR
READER
VOUT0_CFG
SW1
BOOST1
PVIN0
PVIN1
PGND
VSENSE1P
VSENSE1N
CHANNEL1
(SAME AS CHANNEL0)
ITH1
ITH0
SWRCLK0
SWRCLK1
SYNC
VOUT1_CFG/
POLYPHASE_CFG
PWM_CFG
ASEL
FAULT
CONTROL
RUN0
RUN1
I2C/PMBUS
INTERFACE
SCL
WP
SDA
PHASE SELECT
DRVCC
VDD18
INTVCC
2.925V
LDO
EXTVCC
LDO
EN
LDO
EN
LDO
EN
LDO
EN
PVIN0
ALERT
FAULT0
FAULT1
PGOOD0
PGOOD1
SHARE_CLK
SEQUENCE
CONTROL
EEPROM
LT7184S
MAIN
CONTROL
LOGIC
ADC
CONTROL
A/D
MUX
PVIN0
PVIN1
VOUT0
VOUT1
IOUT0
IOUT1
PGND
CPVIN
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com