Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 18 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 14Page - Analog Devices LT7184SRVPBF Datasheet HTML 15Page - Analog Devices LT7184SRVPBF Datasheet HTML 16Page - Analog Devices LT7184SRVPBF Datasheet HTML 17Page - Analog Devices LT7184SRVPBF Datasheet HTML 18Page - Analog Devices LT7184SRVPBF Datasheet HTML 19Page - Analog Devices LT7184SRVPBF Datasheet HTML 20Page - Analog Devices LT7184SRVPBF Datasheet HTML 21Page - Analog Devices LT7184SRVPBF Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
18 of 52
Figure 16. READ_IOUT Error vs IOUT
Figure 17. Temperature Rise vs Total Load Current
Figure 18. fSW vs Temperature
Figure 19. Soft-Start no Load
Figure 20. Soft-Stop no Load
Figure 21. SYNC Waveforms Figure 45 Application,
EXTVCC = VOUT0, VOUT1= 0.8V, IOUT1 = 1A
EXTVCC = 4V
XGL6030-471
TA = –60°C, +25°C, +125°C
SPEC HIGH LIMIT 8.75%
SPEC LOW LIMIT 8.75%
VOUT = 0.8V, PVIN = 12V, fSW = 500kHz
VOUT = 1.2V, PVIN = 12V, fSW = 1000kHz
VOUT = 1.8V, PVIN = 5V, fSW = 1500kHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9
10
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
MAX LOAD AT TA = 125°C LIMITED SO AS NOT TO EXCEED ABS MAX TJ RATING.
CASE TEMPERATURE RISE,
fSW = 1000kHz
JUNCTION TEMPERATURE RISE,
fSW = 1000kHz
CASE TEMPERATURE RISE,
fSW = 2000kHz
JUNCTION TEMPERATURE RISE,
fSW = 2000kHz
TOTAL LOAD CURRENT (A)
0
4
8
12
16
20
0
20
40
60
80
100
XGL5030-181
TEMPERATURE (°C)
–55
–25
5
35
65
95
125
155
0
500
1000
1500
2000
2500
3000
3500
4000
4500
fSW0 = 1200kHz
fSW1 = 600kHz
0.4µs/DIV
VSYNC
2V/DIV
VSW0
10V/DIV
VSW1
10V/DIV
ILSW1
2A/DIV
ISW0
2A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com