Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 35 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 35 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 31Page - Analog Devices LT7184SRVPBF Datasheet HTML 32Page - Analog Devices LT7184SRVPBF Datasheet HTML 33Page - Analog Devices LT7184SRVPBF Datasheet HTML 34Page - Analog Devices LT7184SRVPBF Datasheet HTML 35Page - Analog Devices LT7184SRVPBF Datasheet HTML 36Page - Analog Devices LT7184SRVPBF Datasheet HTML 37Page - Analog Devices LT7184SRVPBF Datasheet HTML 38Page - Analog Devices LT7184SRVPBF Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
35 of 52
As shown in Figure 36, when negative valley current limit occurs (sinking output current due to the output being
pulled up externally), the inductor valley current is ILIM-NEG, the average output current is ILIM-NEG + ΔIL/2, and the peak
inductor current is ILIM-NEG + ΔIL.
Figure 36.ILIM(NEG)
The LT7184S offers four settings for the valley's current limits. The valley current limit selection is controlled by
MFR_PWM_MODE_LT7184S bits [10:9], as shown in Table 12. The factory default current limit setting is 9A (typical)
positive valley current limit and -7.5A (typical) negative valley current limit. Note that the modulator's current sense
gain (dIOUT/dVITH) is also changed as the current limit selection is changed, which must be considered when optimizing
control loop compensation. The valley Current Limits are affected by VOUT/L (V/µH) and operating frequency. See the
Typical Performance Characteristics for more information.
Table 12. Valley Current Limit Selection: MFR_PWM_MODE_LT7184S bits [10:9]
VALUE
POSITIVE VALLEY
CURRENT LIMIT:
ILIM-POS (TYP)
NEGATIVE VALLEY
CURRENT LIMIT:
ILIM-NEG (TYP)
CURRENT SENSE
TRANSCONDUCTANCE:
gM(MOD) = dIOUT/dVITH (TYP)
3
9A
-9A
20.0 A/V
2 (default)
9A
-7.5A
18.33 (A/V)
1
7A
-6A
14.44 (A/V)
0
4A
-3.5A
8.33 (A/V)
Inductor Selection
For a given application’s input voltage and output voltage, the inductor value and operating frequency determine
the ripple current, as defined in Equation 3.
ΔIL =
VOUT
fSW×L
(1 −
VOUT
PVIN
)
(3)
Lower ripple current reduces losses in the inductor and ESR losses in the output capacitors and reduces output
voltage ripple. The highest efficiency operation is obtained at low frequency with a small ripple current. However,
achieving this requires a large inductor.
A reasonable starting point is to choose a ripple current of about 50% of IOUT(MAX), up to a maximum of about 4A. To
guarantee that the ripple current does not exceed a specified maximum, the inductance should be chosen according
to the following:
L =
VOUT
fSW×ΔIL MAX
(1 −
VOUT
PVIN
)
(4).
The inductor ripple current (ΔIL),and maximum negative load current (ILOADNEGMAX) must be chosen such that the most
negative inductor valley current limit is above the maximum (least negative) valley current limit indicated in the
Electrical Characteristics (See Table 3), or an output overvoltage will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com