Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 37 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 37 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 33Page - Analog Devices LT7184SRVPBF Datasheet HTML 34Page - Analog Devices LT7184SRVPBF Datasheet HTML 35Page - Analog Devices LT7184SRVPBF Datasheet HTML 36Page - Analog Devices LT7184SRVPBF Datasheet HTML 37Page - Analog Devices LT7184SRVPBF Datasheet HTML 38Page - Analog Devices LT7184SRVPBF Datasheet HTML 39Page - Analog Devices LT7184SRVPBF Datasheet HTML 40Page - Analog Devices LT7184SRVPBF Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
37 of 52
CITH, can be adjusted in 10pF increments from 95pF to 165pF (typical) using the MFR_PWM_MODE_LT7184S bits [8:6],
as shown in Table 15.
Figure 37. External Compensation
Figure 38. Programmable Internal Compensation
Control Loop Model
An equivalent circuit model for the LT7184S regulator is shown in Figure 39. The error amplifier is a transconductance
amplifier with finite output impedance and programmable gain (REA and gMEA as shown in Table 13). The error
amplifier's input capacitance of about 220fF forms a parasitic pole with the input feedback divider with Thevenin
equivalent resistance of about 24kΩ. The power section, consisting of the modulator, power switches current sense,
and inductor is modeled as an RC network with a bandwidth of about 13MHz (RMOD, CMOD) followed by a
transconductance amplifier, gM(MOD), see Table 12. The output capacitor, COUT, integrates this current, and the
capacitance on the ITH node (CITH, if internal, see Table 15) integrates the error amplifier output current, resulting in
two dominant poles in the loop. A zero is required and comes from resistor RITH (if internal, see Table 14) in series with
CITH. This simple model works well if the inductor value is not too high and the loop crossover frequency is much
lower than the switching frequency, fSW. When modeling PolyPhase applications, the error amplifiers are summed
together, and the ITHN nodes must be connected to a single external compensation network. When using external
compensation networks, care must be taken with the layout of the external ITH network to limit the capacitance to
ground CPARA.
Figure 39.Control Loop Model
INTVCC
LT7184S
ITH
I =
gMEA × (VREF – VSENSE)
VSENSEP
VREF
RITH
CITH
VSENSEN
VSENSE = VSENSEP – VSENSEN
SGND
+
–
ERROR
AMP
(EA)
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com