Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet (PDF) - Texas Instruments

LOG200 Datasheet PDF - Texas Instruments
Part # LOG200
Download  LOG200 Download
File Size   4513.17 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias

LOG200 Datasheet (PDF)

Go To PDF Page Download Datasheet
LOG200 Datasheet PDF - Texas Instruments

Part # LOG200
Download  LOG200 Click to download

File Size   4513.17 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias

LOG200 Datasheet (HTML) - Texas Instruments


LOG200 Product details

1 Features
• Ultra-fast transient response to low current levels:
– Settling time for 10nA to 100nA step:
240ns rising, 620ns falling (typ)
– Settling time for 100nA to 1μA step:
60ns rising, 150ns falling (typ)
• Wide dynamic range: 10pA to 10mA (180dB)
– Specified from 100pA to 10mA (160dB)
• High signal bandwidth:
– 20MHz at 10μA to 10mA
– 6.3MHz at 1μA
– 90kHz at 1nA
• High-accuracy transfer function:
– 0.2% max log conformity error (10nA to 100μA)
• Integrated reference current (1μA) and reference
voltages (2.5V and 1.65V)
• Additional auxiliary high-speed op amp for
differential ADC drive, single-ended gain or filter
blocks, and other peripheral functions
• Single supply (4.5V to 12.6V) or
dual supply (±2.25V to ±6.3V) operation
• Specified temperature range: –40°C to +125°C
• Small package options:
– 3mm × 3mm VQFN
– 1.6mm x 1.6mm DSBGA (Preview)

2 Applications
• Optical modules
• Inter-DC interconnect
• Optical network terminal unit
• Chemistry/gas analyzer
• Erbium-doped fiber optic amplifier (EDFA)

3 Description
The LOG200 is a wide-dynamic-range current-tovoltage
amplifier specifically designed to optimize
current measurements across 160dB of dynamic
range with unparalleled accuracy and speed
for optical communications, medical diagnostics,
and industrial process-control measurements. The
LOG200 features two logarithmic amplifiers followed
by a high-accuracy differential amplifier that convert
current signals into a voltage representing the logcompressed
ratio of the two currents. The current
inputs are designed to feature a high-speed response
from one input, and a highly accurate reference
signal on the other input, allowing for a unique
combination of fast transient response and high
logarithmic conformity.
The LOG200 ratio is internally set to 250mV/
decade of current-to-voltage conversion. The device
integrates an uncommitted high-speed amplifier to
allow the output to be configured for differential or
filtered responses, with a fast settling time to drive
successive approximation analog-to-digital converters
(SAR ADCs). The LOG200 also features a separate
reference current and reference voltage designed to
configure the device for optimized input current and
common-mode voltages.
The LOG200 can be powered in a single-supply
(4.5V to 12.6V) or dual-supply (±2.25V to ±6.3V)
configuration and is specified from –40°C to +125°C.




Similar Part No. - LOG200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG200 TI1-LOG200 Datasheet
1Mb / 25P
LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
AUGUST 2023
More results


Similar Description - LOG200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG100 BURR-BROWN-LOG100 Datasheet
123Kb / 9P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
OPT301 BURR-BROWN-OPT301 Datasheet
163Kb / 11P
INTEGRATED PHOTODIODE AND AMPLIFIER
LOG101 BURR-BROWN-LOG101 Datasheet
281Kb / 13P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
OPT201 BURR-BROWN-OPT201 Datasheet
213Kb / 11P
INTEGRATED PHOTODIODE AND AMPLIFIER
LOG114 BURR-BROWN-LOG114 Datasheet
605Kb / 30P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
LOG114 BURR-BROWN-LOG114_12 Datasheet
806Kb / 29P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
LOG101AIDE4 BURR-BROWN-LOG101AIDE4 Datasheet
618Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AIDE4 TI-LOG101AIDE4 Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
Si ??photodiode with integrated transimpedance amplifier
logo
Texas Instruments
LOG200 TI1-LOG200 Datasheet
1Mb / 25P
LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com