Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet(PDF) 6 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 2Page - Texas Instruments LOG200 Datasheet HTML 3Page - Texas Instruments LOG200 Datasheet HTML 4Page - Texas Instruments LOG200 Datasheet HTML 5Page - Texas Instruments LOG200 Datasheet HTML 6Page - Texas Instruments LOG200 Datasheet HTML 7Page - Texas Instruments LOG200 Datasheet HTML 8Page - Texas Instruments LOG200 Datasheet HTML 9Page - Texas Instruments LOG200 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
5.5 Electrical Characteristics (continued)
at TA = 25°C, VS = 5V (±2.5V) to 10V (±5V), OUTA RL = 10kΩ connected to VS / 2, OUTB RL = 2kΩ connected to VS / 2,
VCM = VREFA = VS / 2, VREFGND = VS–, II1 = 1µA, and II2 = 1µA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGARITHMIC AMPLIFIER OUTPUT
VOSO
Output offset voltage
1.3
±7.5
mV
TA = –40°C to +125°C
2.5
±10
mV
PSRR
Power supply rejection
ratio
II1 = II2 = 1µA
±0.1
mV/V
CMRR
Common-mode rejection
ratio (2)
(VS–) + 2.3V < VCM < (VS+) – 2.0V, II1 = II2 = 1µA
60
dB
Voltage output swing
(VS–) + 0.3
(VS+) – 0.3
V
Short-circuit current
±20
mA
Capacitive load
100
pF
AUXILIARY OPERATIONAL AMPLIFIER
Offset voltage
46
±700
µV
TA = –40°C to +125°C
0.07
±1
mV
Offset voltage drift
0.53
±3
µV/°C
Input bias current
–0.84
±3
µA
TA = –40°C to +125°C
–1.2
Input offset current
18
±100
nA
TA = –40°C to +125°C
45
±300
Input common mode
voltage
(VS–) + 1.0
(VS+) – 1.0
V
Input voltage noise density
f = 0.1Hz to 10kHz
50
nVRMS
f = 1kHz
4.1
nV/√Hz
Input current noise
f = 1kHz
1.2
pA/√Hz
AOL
Open-loop voltage gain
(VS–) + 200mV < VO <
(VS+) – 200mV, RL = 10kΩ
126
150
dB
TA = –40°C to +125°C
126
(VS–) + 200mV < VO <
(VS+) – 200mV, RL = 2kΩ
124
140
TA = –40°C to +125°C
124
PSRR
Power supply rejection
ratio
–1
µV/V
CMRR
Common-mode rejection
ratio
(VS–) + 1.0 < VCM < (VS+) – 1.0
130
dB
GBW
Gain-bandwidth product
CL = 28pF
60
MHz
Unity-gain bandwidth
42
MHz
SR
Slew rate
2V step, G = 1
22
V/μs
tS
Settling time
To 0.1%, 2V step, G = 1
Rising
110
ns
Falling
400
To 0.01%, 2V step, G = 1
Rising
550
Falling
1100
CIN
Input capacitance
Differential
2.6
pF
Common-mode
0.7
ZO
Open-loop output
impedance
f = 1MHz
7.5
Ω
CURRENT REFERENCE
IIREF
IREF initial current
0.98
1
1.02
µA
IREF initial accuracy
–2
0.3
2
%
Temperature coefficient
35
ppm/
℃
VIREF
IREF compliance voltage
(VS–)
(VS+) – 1.0
V
Output impedance
ΔVIREF / ΔIIREF
3
GΩ
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com