Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet(PDF) 9 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 5Page - Texas Instruments LOG200 Datasheet HTML 6Page - Texas Instruments LOG200 Datasheet HTML 7Page - Texas Instruments LOG200 Datasheet HTML 8Page - Texas Instruments LOG200 Datasheet HTML 9Page - Texas Instruments LOG200 Datasheet HTML 10Page - Texas Instruments LOG200 Datasheet HTML 11Page - Texas Instruments LOG200 Datasheet HTML 12Page - Texas Instruments LOG200 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
5.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5V (±2.5V) to 10V (±5V), OUTA RL = 10kΩ connected to VS / 2, OUTB RL = 2kΩ connected to VS / 2,
VCM = VREFA = VS / 2, VREFGND = VS–, II1 = 1µA, and II2 = 1µA (unless otherwise noted)
I1 Input Current (µA)
0.0001 0.001
0.01
0.1
1
10
100
1000 10000
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
TA = –40 C
TA = –25 C
TA = –5 C
TA = 25 C
TA = 50 C
TA = 75 C
TA = 85 C
Figure 5-7. Output Voltage vs I1 Current
I2 Input Current (µA)
0.0001
0.001
0.01
0.1
1
10
100
1000
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
TA = –40 C
TA = –25 C
TA = –5 C
TA = 25 C
TA = 50 C
TA = 75 C
TA = 85 C
Figure 5-8. Output Voltage vs I2 Current
I1 Input Current (µA)
0.0001 0.001
0.01
0.1
1
10
100
1000 10000
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
II2 = 100pA
II2 = 1nA
II2 = 10nA
II2 = 100nA
II2 = 1 A
II2 = 10 A
II2 = 100 A
II2 = 1mA
Figure 5-9. Output Voltage vs Input Currents
I1 Input Current (µA)
0.0001 0.001
0.01
0.1
1
10
100
1000 10000
-5
5
15
25
35
45
55
TA = –40 C
TA = –25 C
TA = –5 C
TA = 25 C
TA = 50 C
TA = 75 C
TA = 85 C
Includes log conformity error
Figure 5-10. Scaling Factor Error vs I1 Current
I1 Input Current (µA)
0.0001 0.001
0.01
0.1
1
10
100
1000 10000
-50
-40
-30
-20
-10
0
10
TA = 85°C
TA = 25°C
Without calibration for scaling factor error or VOS
Figure 5-11. Average Total Error vs I1 Current
I1 Input Current (µA)
0.0001 0.001
0.01
0.1
1
10
100
1000 10000
-3
0
3
6
9
12
15
TA = –40°C
TA = 25°C
Without calibration for scaling factor error or VOS
Figure 5-12. Average Total Error vs I1 Current
www.ti.com
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com