Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet(PDF) 23 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 19Page - Texas Instruments LOG200 Datasheet HTML 20Page - Texas Instruments LOG200 Datasheet HTML 21Page - Texas Instruments LOG200 Datasheet HTML 22Page - Texas Instruments LOG200 Datasheet HTML 23Page - Texas Instruments LOG200 Datasheet HTML 24Page - Texas Instruments LOG200 Datasheet HTML 25Page - Texas Instruments LOG200 Datasheet HTML 26Page - Texas Instruments LOG200 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Begin error analysis by solving for the nominal output voltage at the minimum and maximum currents, without
considering error terms. The results are then used to approximate the contribution of the logarithmic conformity
error, in mV.
VLOG_nominal_atImin=K×log10 IminIREF +VREF=250mVdec×log10 10nA1µA +1.65V=1.15V
(11)
VLOG_nominal_atImax=K×log10 ImaxIREF +VREF=250mVdec×log10 200µA1µA +1.65V=2.2253V
(12)
LCEatImin=LCE× VLOG_nominal_atImin–VREF =–0.0005× 1.15V–1.65V =0.25mV
(13)
LCEatImax=LCE× VLOG_nominal_atImax–VREF =0.0005× 2.2253V–1.65V =0.288mV
(14)
Repeat this exercise, taking into account typical error values as previously calculated, and then determine the
difference of the results to calculate the output error at each current level.
VLOG_actual_atImin=Kactual×log10 Imin
IREF_actual +VREF_actual+VOSO+LCEatImin=1.1521V
(15)
VLOG_actual_atImax=Kactual×log10 Imax
IREF_actual +VREF_actual+VOSO+LCEatImax=2.2290V
(16)
VLOG_error_atImin=VLOG_actual_atImin–VLOG_nominal_atImin=2.117mV
(17)
VLOG_error_atImax=VLOG_actual_atImax–VLOG_nominal_atImax=3.767mV
(18)
The output error at a given current level is then expressed as a percentage of the full-scale range as per
Equation 19 and Equation 20:
ERRORfull_scale_atImin=
VLOG_error_atImin
VLOG_nominal_atImax–VLOG_nominal_atImin=0.197%
(19)
ERRORfull_scale_atImax=
VLOG_error_atImax
VLOG_nominal_atImax–VLOG_nominal_atImin=0.350%
(20)
www.ti.com
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com