Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet(PDF) 8 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 4Page - Texas Instruments LOG200 Datasheet HTML 5Page - Texas Instruments LOG200 Datasheet HTML 6Page - Texas Instruments LOG200 Datasheet HTML 7Page - Texas Instruments LOG200 Datasheet HTML 8Page - Texas Instruments LOG200 Datasheet HTML 9Page - Texas Instruments LOG200 Datasheet HTML 10Page - Texas Instruments LOG200 Datasheet HTML 11Page - Texas Instruments LOG200 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
5.6 Typical Characteristics
at TA = 25°C, VS = 5V (±2.5V) to 10V (±5V), OUTA RL = 10kΩ connected to VS / 2, OUTB RL = 2kΩ connected to VS / 2,
VCM = VREFA = VS / 2, VREFGND = VS–, II1 = 1µA, and II2 = 1µA (unless otherwise noted)
Offset Voltage (µV)
-80
-60
-40
-20
0
20
40
60
80
0
5
10
15
20
25
VS = 5V (±2.5V), n = 300, 10µV bin width
Figure 5-1. Auxiliary-Amplifier Offset-Voltage Distribution
Offset Voltage (µV)
-80
-60
-40
-20
0
20
40
60
80
0
5
10
15
20
25
VS = 10V (±5V), n = 300, 10µV bin width
Figure 5-2. Auxiliary-Amplifier Offset-Voltage Distribution
Output-Referred Offset Voltage (mV)
-4
-3
-2
-1
0
1
2
3
4
0
5
10
15
20
25
VS = 5V (±2.5V), n = 300, 0.5mV bin width
Figure 5-3. Difference-Amplifier Output-Offset Voltage
Distribution
Output-Referred Offset Voltage (mV)
-4
-3
-2
-1
0
1
2
3
4
0
5
10
15
20
25
VS = 10V (±5V), n = 300, 0.5mV bin width
Figure 5-4. Difference-Amplifier Output-Offset Voltage
Distribution
Scaling Factor Error (%)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
5
10
15
20
25
30
VS = 5V (±2.5V), n = 300, 0.05% bin width
Figure 5-5. Scaling-Factor Error Distribution
Scaling Factor Error (%)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
5
10
15
20
25
30
VS = 10V (±5V), n = 300, 0.05% bin width
Figure 5-6. Scaling-Factor Error Distribution
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com