Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2463 Datasheet (PDF) - Semtech Corporation

SC2463 Datasheet PDF - Semtech Corporation
Part # SC2463
Download  SC2463 Download
File Size   460.21 Kbytes
Page   23 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Performance Quad Output Switching Regulator

SC2463 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC2463 Datasheet PDF - Semtech Corporation

Part # SC2463
Download  SC2463 Click to download

File Size   460.21 Kbytes
Page   23 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Performance Quad Output Switching Regulator

SC2463 Datasheet (HTML) - Semtech Corporation


SC2463 Product details

Description
The SC2463 is a high performance controller for multi output converters that can be configured for a wide variety of applications. The SC2463 utilizes PWM synchronous buck topologies where efficiency is most important. It also provides two dedicated programmable positive linear regulators using external transistors. Each of the four outputs is adjustable down to 0.5V. The two PWM switchers are synchronized 180° out of phase reducing input ripple, allowing for fewer input capacitors. Power up sequencing prevents converter latch-up.
The SC2463 can be synchronized to other converters to prevent beat frequencies. The wide range programmable operating frequency allows users to optimize a converter design. The PWM switchers sense the voltage across the low-side MOSFETs on-resistance to efficiently provide adjustable current-limit, eliminating costly current-sense resistors. A POK signal is issued when soft-start is complete on both PWM switchers and their outputs are within 10% of the set point.

Features
♦ Two synchronized converters for low noise
♦ Power up sequencing to prevent latch-up
♦ Out of phase operation for low input ripple
♦ Over current protection
♦ Wide input range, 4.5 to 30V
♦ Programmable frequency up to 700kHz
♦ Low shutdown current 100uA
♦ Two synchronous bucks for high efficiency at high current
♦ Two programmable positive linear regulators
♦ Output voltage as low as 0.5V
♦ Small package TSSOP-28. This product is fully WEEE and RoHS compliant

Applications
♦ DSL applications with multiple input voltage requirements
♦ Mixed-Signal applications requiring 4 positive output voltages
♦ Cable modem power management
♦ Base station power management




Similar Part No. - SC2463

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC246 MOTOROLA-SC246 Datasheet
81Kb / 2P
SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
SC246 NJSEMI-SC246 Datasheet
228Kb / 4P
Hermetic Triacs
SC246 NJSEMI-SC246 Datasheet
228Kb / 4P
Hermetic Triacs
logo
Digitron Semiconductors
SC246B DIGITRON-SC246B Datasheet
206Kb / 3P
THYRISTOR
SC246D DIGITRON-SC246D Datasheet
206Kb / 3P
THYRISTOR
More results


Similar Description - SC2463

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2453 SEMTECH-SC2453 Datasheet
263Kb / 14P
High Performance Quad Output Switching Regulator
SC2453 SEMTECH-SC2453_05 Datasheet
416Kb / 22P
High Performance Quad Output Switching Regulator
logo
Active-Semi, Inc
ACT334 ACTIVE-SEMI-ACT334 Datasheet
103Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT365 ACTIVE-SEMI-ACT365 Datasheet
134Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT337 ACTIVE-SEMI-ACT337_12 Datasheet
402Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_12 Datasheet
274Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 4, 14-Nov-12
ACT366 ACTIVE-SEMI-ACT366_12 Datasheet
323Kb / 11P
High Performance ActivePSRTM Primary Switching Regulator
Rev 1, 14-Nov-12
ACT337 ACTIVE-SEMI-ACT337_14 Datasheet
398Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_14 Datasheet
274Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 4, 14-Nov-12
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com