Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2463 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2463
Description  High Performance Quad Output Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2463 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2463 Datasheet HTML 3Page - Semtech Corporation SC2463 Datasheet HTML 4Page - Semtech Corporation SC2463 Datasheet HTML 5Page - Semtech Corporation SC2463 Datasheet HTML 6Page - Semtech Corporation SC2463 Datasheet HTML 7Page - Semtech Corporation SC2463 Datasheet HTML 8Page - Semtech Corporation SC2463 Datasheet HTML 9Page - Semtech Corporation SC2463 Datasheet HTML 10Page - Semtech Corporation SC2463 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
 2007 Semtech Corp.
www.semtech.com
SC2463
POWER MANAGEMENT
Pin Descriptions
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
11
M
I
L
I
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.
1
r
e
h
c
ti
w
s
M
W
P
e
h
t
r
o
f
t
e
s
n
i
p
ti
m
il
-
t
n
e
r
r
u
c
e
l
b
a
t
s
u
j
d
A
.
D
N
G
A
21
B
F
o
t
t
u
p
t
u
o
m
o
r
f
r
e
d
i
v
i
d
-
r
o
t
s
i
s
e
r
a
o
t
t
c
e
n
n
o
C
.t
u
p
n
i
k
c
a
b
d
e
e
f
1
r
e
h
c
ti
w
s
M
W
P
e
d
o
m
e
g
a
tl
o
V
V
x
8
.
0
d
n
a
V
5
.
0
n
e
e
w
t
e
b
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
t
s
u
j
d
a
o
t
D
N
G
A
o
t
1
B
F
.
N
I
t
n
i
o
p
t
e
s
k
c
a
b
d
e
e
f
e
h
T
.
V
5
.
0
s
i
31
O
E
e
t
a
s
n
e
p
m
o
c
o
t
k
r
o
w
t
e
n
n
o
it
a
s
n
e
p
m
o
c
a
t
c
e
n
n
o
C
.
n
i
p
n
o
it
a
s
n
e
p
m
o
c
p
o
o
l
1
r
e
h
c
ti
w
s
M
W
P
e
h
T
.
d
e
s
u
y
ll
a
u
s
u
s
i
k
r
o
w
t
e
n
n
o
it
a
s
n
e
p
m
o
c
3
e
p
y
T
.
p
o
o
l
l
o
r
t
n
o
c
e
h
t
44
D
B
l
e
n
n
a
h
c
-
N
n
a
f
o
n
i
a
r
d
e
h
t
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
I
.r
e
v
ir
d
r
o
t
s
i
s
n
a
r
t
P
N
P
t
u
p
t
u
o
n
i
a
r
d
-
n
e
p
O
e
v
it
i
s
o
p
a
m
r
o
f
o
t
r
o
t
s
i
s
n
a
r
t
s
s
a
p
P
N
P
l
a
n
r
e
t
x
e
n
a
f
o
e
s
a
b
e
h
t
o
t
s
t
c
e
n
n
o
c
n
i
p
s
i
h
T
.
T
E
F
S
O
M
.r
o
t
a
l
u
g
e
r
r
a
e
n
il
54
B
F
n
e
e
w
t
e
b
r
e
d
i
v
i
d
-
r
o
t
s
i
s
e
r
a
o
t
t
c
e
n
n
o
C
.t
u
p
n
i
k
c
a
b
d
e
e
f
r
o
t
a
l
u
g
e
r
r
a
e
n
il
e
v
it
i
s
o
p
r
o
t
s
i
s
n
a
r
t
P
N
P
s
i
t
n
i
o
p
t
e
s
k
c
a
b
d
e
e
f
e
h
T
.
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
t
s
u
j
d
a
o
t
D
N
G
A
d
n
a
r
o
t
a
l
u
g
e
r
r
a
e
n
il
e
v
it
i
s
o
p
e
h
t
.
V
5
.
0
6N
D
H
S
/
S
S
.
s
r
o
t
a
l
u
g
e
r
r
a
e
n
il
e
v
it
i
s
o
p
d
n
a
s
r
e
h
c
ti
w
s
M
W
P
e
h
t
r
o
f
n
o
it
c
n
u
f
t
r
a
t
s
-
tf
o
s
a
s
e
d
i
v
o
r
p
n
i
p
e
h
T
r
o
ti
c
a
p
a
c
e
h
t
s
e
g
r
a
h
c
e
c
r
u
o
s
t
n
e
r
r
u
c
p
u
-l
l
u
p
A
u
0
1
d
e
t
a
l
u
g
e
r
e
h
t
,
V
5
.
0
s
e
h
c
a
e
r
n
i
p
e
h
t
n
e
h
W
2
r
e
h
c
ti
w
s
,
1
r
e
h
c
ti
w
s
f
o
e
g
a
tl
o
v
e
c
n
e
r
e
f
e
r
r
e
if
il
p
m
a
r
o
r
r
e
e
h
T
.
D
N
G
A
o
t
n
i
p
s
i
h
t
m
o
r
f
d
e
t
c
e
n
n
o
c
e
h
t
g
n
i
w
o
ll
o
f
y
l
e
v
it
c
e
p
s
e
r
V
2
o
t
V
7
.
0
m
o
r
f
s
p
m
a
r
s
r
o
t
a
l
u
g
e
r
r
a
e
n
il
e
v
it
i
s
o
p
o
w
t
e
h
t
d
n
a
s
i
n
i
p
N
D
H
S
/
S
S
e
h
t
fI
.
d
e
l
b
a
s
i
d
s
i
3
6
4
2
C
S
e
h
t
,
V
5
.
0
w
o
l
e
b
n
w
o
d
d
e
ll
u
p
s
i
n
i
p
e
h
t
fI
.
e
c
n
e
u
q
e
s
y
l
p
p
u
s
e
h
t
d
n
a
d
e
l
b
a
s
i
d
s
i
3
6
4
2
C
S
r
o
f
r
o
t
s
i
s
n
a
r
t
P
N
P
s
a
i
b
e
h
t
,
V
4
3
.
0
w
o
l
e
b
n
w
o
d
d
e
ll
u
p
.
A
u
0
0
1
y
l
n
o
s
i
t
n
e
r
r
u
c
7C
N
Y
S
o
t
r
o
t
s
i
s
e
r
K
0
1
a
s
e
r
i
u
q
e
r
n
i
p
s
i
h
T
.
s
r
e
ll
o
r
t
n
o
c
e
r
o
m
r
o
o
w
t
e
z
i
n
o
r
h
c
n
y
s
o
t
d
e
s
u
e
b
n
a
c
n
i
p
e
h
T
.
d
e
s
u
t
o
n
s
i
ti
n
e
h
w
D
N
G
A
8K
O
P
w
o
l
e
b
%
0
1
n
a
h
t
e
r
o
m
s
i
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
n
e
h
w
w
o
l
s
i
K
O
P
.t
u
p
t
u
o
d
o
o
g
-
r
e
w
o
p
n
i
a
r
d
-
n
e
p
O
.
n
o
it
a
l
u
g
e
r
n
i
s
i
t
u
p
t
u
o
e
h
t
n
e
h
w
e
c
n
a
d
e
p
m
i
h
g
i
h
s
i
K
O
P
.t
n
i
o
p
n
o
it
a
l
u
g
e
r
e
h
t
e
v
o
b
a
r
o
.
C
C
V
P
d
n
a
n
i
p
e
h
t
n
e
e
w
t
e
b
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
9C
S
O
e
h
t
t
e
s
o
t
D
N
G
A
d
n
a
n
i
p
e
h
t
n
e
e
w
t
e
b
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.t
u
p
n
i
e
l
b
a
t
s
u
j
d
a
y
c
n
e
u
q
e
r
f
r
o
t
a
ll
i
c
s
O
.
y
c
n
e
u
q
e
r
f
M
W
P
0
13
B
F
n
e
e
w
t
e
b
r
e
d
i
v
i
d
-
r
o
t
s
i
s
e
r
a
o
t
t
c
e
n
n
o
C
.t
u
p
n
i
k
c
a
b
d
e
e
f
r
o
t
a
l
u
g
e
r
r
a
e
n
il
e
v
it
i
s
o
p
r
o
t
s
i
s
n
a
r
t
N
P
N
s
i
t
n
i
o
p
t
e
s
k
c
a
b
d
e
e
f
e
h
T
.
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
t
s
u
j
d
a
o
t
D
N
G
A
d
n
a
r
o
t
a
l
u
g
e
r
r
a
e
n
il
e
v
it
i
s
o
p
e
h
t
.
V
5
.
0
1
13
D
B
l
e
n
n
a
h
c
-
P
a
f
o
n
i
a
r
d
e
h
t
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
I
.r
e
v
ir
d
r
o
t
s
i
s
n
a
r
t
N
P
N
t
u
p
t
u
o
n
i
a
r
d
-
n
e
p
O
e
v
it
i
s
o
p
a
m
r
o
f
o
t
r
o
t
s
i
s
n
a
r
t
s
s
a
p
N
P
N
l
a
n
r
e
t
x
e
n
a
f
o
e
s
a
b
e
h
t
o
t
s
t
c
e
n
n
o
c
n
i
p
s
i
h
T
.
T
E
F
S
O
M
.r
o
t
a
l
u
g
e
r
r
a
e
n
il
2
12
O
E
e
t
a
s
n
e
p
m
o
c
o
t
k
r
o
w
t
e
n
n
o
it
a
s
n
e
p
m
o
c
a
t
c
e
n
n
o
C
.
n
i
p
n
o
it
a
s
n
e
p
m
o
c
p
o
o
l
2
r
e
h
c
ti
w
s
M
W
P
e
h
T
.
d
e
s
u
y
ll
a
u
s
u
s
i
k
r
o
w
t
e
n
n
o
it
a
s
n
e
p
m
o
c
3
e
p
y
T
.
p
o
o
l
l
o
r
t
n
o
c
e
h
t
3
12
B
F
o
t
t
u
p
t
u
o
m
o
r
f
r
e
d
i
v
i
d
-
r
o
t
s
i
s
e
r
a
o
t
t
c
e
n
n
o
C
.t
u
p
n
i
k
c
a
b
d
e
e
f
2
r
e
h
c
ti
w
s
M
W
P
e
d
o
m
e
g
a
tl
o
V
V
x
8
.
0
d
n
a
V
5
.
0
n
e
e
w
t
e
b
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
t
s
u
j
d
a
o
t
D
N
G
A
o
t
2
B
F
.
N
I
t
n
i
o
p
t
e
s
k
c
a
b
d
e
e
f
e
h
T
.
V
5
.
0
s
i
4
12
M
I
L
I
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.
2
r
e
h
c
ti
w
s
M
W
P
e
h
t
r
o
f
t
e
s
n
i
p
ti
m
il
-
t
n
e
r
r
u
c
e
l
b
a
t
s
u
j
d
A
.
D
N
G
A
5
1D
N
G
A
.
D
N
G
P
d
n
u
o
r
g
t
n
e
r
r
u
c
h
g
i
h
e
h
t
m
o
r
f
y
l
e
t
a
r
a
p
e
s
d
e
t
u
o
r
e
b
t
s
u
m
d
n
a
d
n
u
o
r
g
l
a
n
g
i
s
ll
a
m
s
s
i
s
i
h
T
e
b
d
l
u
o
h
s
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
A
.
n
i
p
s
i
h
t
o
t
t
c
e
p
s
e
r
h
ti
w
d
e
r
u
s
a
e
m
e
r
a
s
l
e
v
e
l
e
g
a
tl
o
v
ll
A
.
g
n
il
p
u
o
c
e
d
e
s
i
o
n
r
o
f
n
i
p
s
i
h
t
o
t
t
h
g
ir
d
e
t
c
e
n
n
o
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com