Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2463 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC2463
Description  High Performance Quad Output Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2463 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC2463 Datasheet HTML 9Page - Semtech Corporation SC2463 Datasheet HTML 10Page - Semtech Corporation SC2463 Datasheet HTML 11Page - Semtech Corporation SC2463 Datasheet HTML 12Page - Semtech Corporation SC2463 Datasheet HTML 13Page - Semtech Corporation SC2463 Datasheet HTML 14Page - Semtech Corporation SC2463 Datasheet HTML 15Page - Semtech Corporation SC2463 Datasheet HTML 16Page - Semtech Corporation SC2463 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
 2007 Semtech Corp.
www.semtech.com
SC2463
POWER MANAGEMENT
Applications Information (Cont.)
.
I
R
v
o
esr
ESR
δ
=
∆
Aluminum capacitors (e.g. electrolytic, solid OS-CON,
POSCAP, tantalum) have high capacitances and low
ESL’s. The ESR has the dominant effect on the output
ripple voltage. It is therefore very important to minimize
the ESR.
When determining the ESR value, both the steady state
ripple-voltage and the dynamic load transient need to be
considered. To keep the steady state output ripple-voltage
<
∆V
o, the ESR should satisfy
.
I
V
R
o
o
1
esr
δ
∆
<
To limit the dynamic output voltage overshoot/
undershoot within
α (say 3%) of the steady state output
voltage) from no load to full load, the ESR value should
satisfy
.
I
V
R
o
o
2
esr
α
<
Then, the required ESR value of the output capacitors
should be
R
esr = min{Resr1,Resr2 }.
The voltage rating of aluminum capacitors should be at
least 1.5V
o. The RMS current ripple rating should also
be greater than
.
3
2
I
o
δ
Usually it is necessary to have several capacitors of the
same type in parallel to satisfy the ESR requirement.
The voltage ripple cause by the capacitor charge/
discharge should be an order of magnitude smaller than
the voltage ripple caused by the ESR. To guarantee this,
the capacitance should satisfy
.
R
f
2
10
C
esr
s
o
π
>
In many applications, several low ESR ceramic capacitors
are added in parallel with the aluminum capacitors in
order to further reduce ESR and improve high frequency
decoupling. Because the values of capacitance and ESR
are usually different in ceramic and aluminum capacitors,
the following remarks are made to clarify some practical
issues.
Remark 1: High frequency ceramic capacitors may not
carry most of the ripple current. It also depends on the
capacitor value. Only when the capacitor value is set
properly, the effect of ceramic capacitor low ESR starts
to be significant.
For example, if a 10
µF, 4mΩ ceramic capacitor is
connected in parallel with 2x1500
µF, 90mΩ electrolytic
capacitors, the ripple current in the ceramic capacitor is
only about 42% of the current in the electrolytic
capacitors at the ripple frequency. If a 100
µF, 2mΩ
ceramic capacitor is used, the ripple current in the
ceramic capacitor will be about 4.2 times of that in the
electrolytic capacitors. When two 100
µF, 2mΩ ceramic
capacitors are used, the current ratio increases to 8.3.
In this case most of the ripple current flows in the
ceramic decoupling capacitor. The ESR of the ceramic
capacitors will then determine the output ripple-voltage.
Remark 2: The total equivalent capacitance of the filter
bank is not simply the sum of all the paralleled capacitors.
The total equivalent ESR is not simply the parallel
combination of all the individual ESR’s either. Instead
they should be calculated using the following formulae.
)
C
C
(
C
C
)
C
R
C
R
(
)
C
C
(
C
C
)
R
R
(
:
)
(
C
b
1
a
1
b
1
a
1
2
b
1
2
b
1
a
1
2
a
1
2
b
1
a
1
2
b
1
2
a
1
2
2
b
1
a
1
eq
+
+
ω
+
+
+
ω
+
=
ω
2
b
1
a
1
2
b
1
2
a
1
2
2
b
1
a
1
2
a
1
a
1
2
b
1
b
1
2
b
1
2
a
1
2
b
1
a
1
b
1
a
1
eq
)
C
C
(
C
C
)
R
R
(
)
C
R
C
R
(
C
C
)
R
R
(
R
R
:
)
(
R
+
+
ω
+
+
+
ω
+
=
ω
where R
1a and C1a are the ESR and capacitance of
electrolytic capacitors, and R
1b and C1b are the ESR and
capacitance of the ceramic capacitors respectively.
(Figure 2)
C1a
R1a
C1b
R1b
Ceq
Req
Figure 2. Equivalent RC branch.
Req and Ceq are both functions of frequency. For rigorous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com