Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2463 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2463
Description  High Performance Quad Output Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2463 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2463 Datasheet HTML 1Page - Semtech Corporation SC2463 Datasheet HTML 2Page - Semtech Corporation SC2463 Datasheet HTML 3Page - Semtech Corporation SC2463 Datasheet HTML 4Page - Semtech Corporation SC2463 Datasheet HTML 5Page - Semtech Corporation SC2463 Datasheet HTML 6Page - Semtech Corporation SC2463 Datasheet HTML 7Page - Semtech Corporation SC2463 Datasheet HTML 8Page - Semtech Corporation SC2463 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
 2007 Semtech Corp.
www.semtech.com
SC2463
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
r
o
t
a
r
a
p
m
o
C
M
W
P
t
u
p
t
u
O
o
t
y
a
l
e
D
0
7S
n
r
o
t
s
i
s
n
a
r
T
P
N
P
h
t
i
w
r
o
t
a
l
u
g
e
R
r
a
e
n
i
L
e
v
i
t
i
s
o
P
4
B
F
n
o
e
g
a
tl
o
V
k
c
a
b
d
e
e
F
8
4
.
05
.
02
5
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I
k
c
a
b
d
e
e
F
0
5
1A
n
e
c
n
a
t
s
i
s
e
R
-
n
O
T
E
F
l
a
n
r
e
t
n
II
K
N
I
S
A
m
5
=0
40
8
Ω
r
o
t
s
i
s
n
a
r
T
N
P
N
h
t
i
w
r
o
t
a
l
u
g
e
R
r
a
e
n
i
L
e
v
i
t
i
s
o
P
3
B
F
n
o
e
g
a
tl
o
V
k
c
a
b
d
e
e
F
8
4
.
05
.
02
5
.
0V
m
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I
k
c
a
b
d
e
e
F
0
5
1A
n
e
c
n
a
t
s
i
s
e
R
-
n
O
T
E
F
l
a
n
r
e
t
n
II
E
C
R
U
O
S
A
m
5
=0
70
4
1
Ω
s
r
e
i
f
il
p
m
A
r
o
r
r
E
M
W
P
2
B
F
,
1
B
F
n
o
e
g
a
tl
o
V
k
c
a
b
d
e
e
FT
J
C
°
5
2
=9
4
.
05
.
01
5
.
0V
8
8
4
.
02
1
5
.
0
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
0
0
2A
n
n
i
a
G
p
o
o
L
n
e
p
O
)
1
(
0
9B
d
h
t
d
i
w
d
n
a
B
n
i
a
G
y
ti
n
U
3z
H
M
t
n
e
r
r
u
C
k
n
i
S
t
u
p
t
u
O
2A
m
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
2A
m
e
t
a
R
w
e
l
S
1S
µ
/
V
r
o
t
a
ll
i
c
s
O
e
g
n
a
R
y
c
n
e
u
q
e
r
F
0
0
10
0
7z
H
K
y
c
n
e
u
q
e
r
FR
T
K
5
.
2
1
=0
4
50
0
60
6
6z
H
K
e
g
a
tl
o
V
k
a
e
P
p
m
a
R
8
.
3V
e
g
a
tl
o
V
y
e
ll
a
V
p
m
a
R
5
7
.
0V
h
t
d
i
W
e
s
l
u
P
h
g
i
H
t
u
p
n
I
C
N
Y
S
0
0
1S
n
e
m
i
T
ll
a
F
/
e
s
i
R
C
N
Y
S
0
5S
n
e
g
n
a
R
y
c
n
e
u
q
e
r
F
C
N
Y
S
C
S
O
F
C
S
O
F
%
0
1
+
z
H
k
d
l
o
h
s
e
r
h
T
w
o
L
/
h
g
i
H
C
N
Y
S
5
.
1V
Unless specified: V
IN
= 12V, PVCC = AVCC = 5V, fs = 600KHz, SS/SHDN = 5V, SYNC = 0V, T
A = T
J
= -40°C to 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com