Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL819 Datasheet (PDF) - GENESYS LOGIC

GL819 Datasheet PDF - GENESYS LOGIC
Part # GL819
Download  GL819 Download
File Size   717.1 Kbytes
Page   34 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 Generation 3 Multi-I/F Card Reader Controller

GL819 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL819 Datasheet PDF - GENESYS LOGIC

Part # GL819
Download  GL819 Click to download

File Size   717.1 Kbytes
Page   34 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 Generation 3 Multi-I/F Card Reader Controller

GL819 Datasheet (HTML) - GENESYS LOGIC


GL819 Product details

USB 2.0 Generation 3 Multi-I/F Card Reader Controller



FEATURES

USB specification compliance 

-  Comply with 480Mbps Universal Serial Bus specification rev. 2.0.

-  Comply with USB Storage Class specification rev. 1.0.

-  Support 1 device address and up to 4 endpoints: Control (0)/ Bulk Read (1)/ Bulk Write (2)/Interrupt (3).

Integrated USB building blocks

-  USB2.0 transceiver macro (UTM), Serial Interface Engine (SIE), Build-in power-on reset (POR) and low-voltage detector (LVD)

Embedded 8051 micro-controller

-  Operate @ 60 MHz clock, 12 clocks per instruction cycle

-  Embedded 48K-byte mask ROM and internal 256 byte SRAM

-  Embedded 4K-byte external SRAM

-  Support up to external 48K code ROM

Support firmware upgrade to external flash via USB ( ISP : in system programming )

USB 2.0 certified (Test ID=40002675)

WHQL submission number 938163

Vista submission number 1220953

On-Chip power MOSFETs to control flash media card power.

CompactFlashTM interface

-  Support CFA specification v2.1 / v3.0

-  Support True IDE mode

-  Support 8 / 16 bit data mode and different timing

SmartMediaTM interface

-    8 bit data width and different speed

-  Support different page size, and automatic append redundant area data (8 / 16 bytes)

xD-Picture Interface ( Submission ID: AA-RG0435 )

-  Compliant with xD-Picture specification v1.2B.

-  xD-Picture Type M/H card support.

MemoryStickTM / MemoryStick PRO interface

-  Compliant with MemoryStick interface specification v1.40-00

-  Compliant with MemoryStick PRO interface specification v1.00-01

-  Support automatic CRC16 generation and verification

Secure DigitalTM and MultiMediaCardTM

-  Compliant with Secure Digital specification v2.0

-  Compliant with MMC interface specification v4.2 (external flash)

-  Support both SD / MMC mode access CLK/CMD/DAT0/DAT1/DA T2/DAT3/DAT4/DAT5/DAT6/DAT7

-  Support SD specification v1.0 / v1.1 / v2.0

-  Support MMC specification v4.0 / v4.1 / v4.2(ext flash support)   x1 / x4 / x8 data transmission. 

-  Automatic CRC7 generation for command and CRC7 verification for response on CMD

-  Support automatic CRC16 generation and verificationon DAT0:7

-  In addition to full packet transaction, optional single byte / bit operation on both CMD and DAT line / lines

-  Process data in block or byte

High efficient hardware engine

-  Automatic data read / write with card by hardware engine

-  Easier firmware development

On board 12 MHz Crystal driver circuit

Available in 128-pin LQFP 14x14 mm package




Similar Part No. - GL819

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL811E ETC-GL811E Datasheet
1Mb / 35P
USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811E-MNGXX GENESYS-GL811E-MNGXX Datasheet
750Kb / 33P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811E-MNNXX GENESYS-GL811E-MNNXX Datasheet
750Kb / 33P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811E-MSGXX GENESYS-GL811E-MSGXX Datasheet
750Kb / 33P
USB 2.0 to ATA / ATAPI Bridge Controller
More results


Similar Description - GL819

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
GL813 ETC-GL813 Datasheet
132Kb / 24P
USB 2.0 CompactFlash Card Reader Controller
TS-RDS1 ETC2-TS-RDS1 Datasheet
226Kb / 4P
USB 2.0 Compact Card Reader
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
USB 2.0 Flash Card Reader Controller
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
USB 2.0 SD/MMC Single Slot Card Reader Controller
GL816E GENESYS-GL816E Datasheet
478Kb / 26P
USB 2.0 9-in-1 Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
MA8170 PROLIFIC-MA8170 Datasheet
282Kb / 2P
USB 2.0 Handheld Device Reader Controller
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com