Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT5100 Datasheet (PDF) - Microtune,Inc

MT5100 Datasheet PDF - Microtune,Inc
Part # MT5100
Download  MT5100 Download
File Size   154.02 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SUBSYTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS

MT5100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT5100 Datasheet PDF - Microtune,Inc

Part # MT5100
Download  MT5100 Click to download

File Size   154.02 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SUBSYTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS

MT5100 Datasheet (HTML) - Microtune,Inc


MT5100 Product details

VIDEOCASTER™ SINGLE-CHANNEL UPCONVERTER MICROMODULE

The Microtune® MT5100 VideoCaster is a high-quality, fully tested, frequency agile upconverter solution designed specifically for high-density and low-cost upconverter systems.
The subsystem converts an IF signal with a bandwidth of up to 16 MHz (two adjacent IF signals) and centered at an intermediate frequency of 36.125 MHz or 44.00 MHz to any RF output frequency between 50 MHz and 860 MHz. The output level can be adjusted in step sizes of 0.1 dB between 45 dBmV and 58 dBmV.

FEATURES
• IF input selectable between 36.125 MHz and 44.00 MHz
• Fully programmable via 2-wire serial interface
• 50 MHz to 860 MHz output programmable in 12.5 kHz steps
• Output power adjustable from 45 dBmV to 58 dBmV in 0.1 dB steps
• Built-in fault detection ensures robust system operation
• Built-in, factory calibrated power detector allows accurate setting and monitoring of the output level via 2-wire serial control interface
• Capable of converting two adjacent IF channels of up to 8 MHz bandwidth each
• Scalable solution
• Conserves space, power and cost
• Reduces development time

APPLICATIONS
• Video On Demand (VOD) and other digital on-demand content
• SMATV solutions for hospitals, hotels, apartments and other closed circuit broadband systems
• Low-cost upconverter solutions
• IF-to-RF converter solutions




Similar Part No. - MT5100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MT5100 MICROSEMI-MT5100 Datasheet
47Kb / 2P
PICO AMP LOW LEAKAGE DIODES
More results


Similar Description - MT5100

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT141X MICROTUNE-MT141X Datasheet
276Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS
MT1110 MICROTUNE-MT1110 Datasheet
84Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1503EDC MICROTUNE-MT1503EDC Datasheet
157Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1560 MICROTUNE-MT1560 Datasheet
105Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS
MT2022 MICROTUNE-MT2022 Datasheet
126Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2050 MICROTUNE-MT2050 Datasheet
83Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2122 MICROTUNE-MT2122 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com