Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1D1224 Datasheet (PDF) - AG Electronica

1D1224 Datasheet PDF - AG Electronica
Part # 1D1224
Download  1D1224 Download
File Size   419.5 Kbytes
Page   7 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONVERTIDOR DC-DC ENTRADA 12V SALIDA 24V 42mA 1W

1D1224 Datasheet (PDF)

Go To PDF Page Download Datasheet
1D1224 Datasheet PDF - AG Electronica

Part # 1D1224
Download  1D1224 Click to download

File Size   419.5 Kbytes
Page   7 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONVERTIDOR DC-DC ENTRADA 12V SALIDA 24V 42mA 1W

1D1224 Datasheet (HTML) - AG Electronica


1D1224 Product details

Product features
 Ultra-miniature standard package SIP package and standard pins
 Constant voltage input, isolated unregulated single output, 1W
 Input and output isolation withstand voltage 1500VDC
 Low ripple/noise (20MH bandwidth) < 100mVp-p
 High efficiency, conversion efficiency up to 80% (MAX)
 Operating temperature range: -40°C~+85°C
 Good output short circuit and over current protection and self-recovery
 High reliability, long life design, MTBF≥3500000H
 Potting and sealing with high-quality environmentally friendly waterproof and thermal conductive glue, dustproof, moistureproof, shockproof and flame retardant
 Meet UL/CE/EMC and safety testing requirements
 It can be used in medical, industrial control, electric power, instrumentation, communication, railway and other fields

Product application notes
1. Input requirements: ensure that the output voltage fluctuation range of the power supply does not exceed the input requirements of the DC/DC module itself, and the output power of the input power supply must be greater than the output power of the DC/DC module;
2. Recommended circuit 1: For occasions with general requirements for ripple and noise, a filter capacitor can be connected in parallel to the input and output ends. The external circuit is shown in the above figure (1). The recommended value of the filter capacitor is shown in Table (1) ). Output load requirements: Try to avoid no-load use. When the actual power consumption of the load is less than 10% of the module's output rated power or there is no-load phenomenon, it is recommended to connect a dummy load to the output end. The dummy load (resistance) can be in accordance with the rated power of the module. 5~10% calculation, resistance value=Uout/(1W*10%);
3. Overload protection: Under normal working conditions, the output circuit of this product has no protection against overload. The easiest way is to connect a self-recovery fuse in series at the input end, or add a circuit breaker to the circuit;
4. The capacitance value of the external capacitor at the output end should not be too large, otherwise it will easily cause overcurrent or poor startup when the module starts;
5. If the product works below the minimum required load, it cannot be guaranteed that the product performance meets all the performance indicators in this manual;
6. The maximum capacitive load is tested under the input voltage range and full load conditions;
7. Except for special instructions, all indicators in this manual are measured at Ta=25°C/humidity < 75%RH, nominal input voltage and output rated load;
8. All index test methods in this product manual are based on our company's standards;
9. Our company can provide product customization, and you can directly contact our technical staff for specific information;
10. Product specifications are subject to change without notice.

Pin description:
1:GND;2:+Vin ;3:-Vo 4:+Vo ;
*Note: If the definition of each pin of the power module is not consistent with the selection manual, the marking on the physical label shall prevail.




Similar Part No. - 1D1224

ManufacturerPart #DatasheetDescription
logo
Altech corporation
1D1.6UM ALTECH-1D1.6UM Datasheet
354Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
logo
ice Components, Ins.
1D10A ICE-1D10A Datasheet
153Kb / 1P
Class D Inductor
1D10A-100M ICE-1D10A-100M Datasheet
153Kb / 1P
Class D Inductor
1D10A-100M ICE-1D10A-100M Datasheet
153Kb / 1P
Class D Inductor
1D10A-150M ICE-1D10A-150M Datasheet
153Kb / 1P
Class D Inductor
More results


Similar Description - 1D1224

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3100-24V TI-PT3100-24V Datasheet
180Kb / 3P
15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT4100-24V TI-PT4100-24V Datasheet
179Kb / 3P
15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
ORION FANS
OD9225 ORIONFANS-OD9225 Datasheet
119Kb / 1P
DC Fan - 12V & 24V 92x25 (3.62 x 1.00)
logo
List of Unclassifed Man...
901150012EMS ETC2-901150012EMS Datasheet
383Kb / 2P
LED CV DC 150W 12V, 24V
logo
ORION FANS
OD1225 ORIONFANS-OD1225 Datasheet
247Kb / 1P
DC FAN - 12V, 24V
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
DC Fan - 12V, 24V and 48V
OD9225-SS ORIONFANS-OD9225-SS Datasheet
208Kb / 1P
DC Fan - 12V, 24V 92x25 (3.62?쓝 1.00??
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com