Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DULPX Datasheet (PDF) - STMicroelectronics

IIS2DULPX Datasheet PDF - STMicroelectronics
Part # IIS2DULPX
Download  IIS2DULPX Download
File Size   5331.29 Kbytes
Page   106 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Intelligent ultralow-power accelerometer for industrial applications

IIS2DULPX Datasheet (PDF)

Go To PDF Page Download Datasheet
IIS2DULPX Datasheet PDF - STMicroelectronics

Part # IIS2DULPX
Download  IIS2DULPX Click to download

File Size   5331.29 Kbytes
Page   106 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Intelligent ultralow-power accelerometer for industrial applications

IIS2DULPX Datasheet (HTML) - STMicroelectronics


IIS2DULPX Product details

Features
• 3-axis accelerometer with digital output
• ±2g/±4g/±8g/±16g programmable full-scale
• Output data rate from 1.6 Hz to 800 Hz; bandwidth up to 400 Hz
• High-speed I²C/SPI/MIPI I3C® digital output interface
• Ultralow supply current and low noise (down to 220 μg/√Hz)
• Four operating modes
– High-performance (HP) mode with antialiasing filter: 9.3 μA
– Low-power (LP) mode with antialiasing filter: 6.5 μA
– Ultralow-power (ULP) mode: 3 μA
– One-shot mode
• Embedded machine learning core (MLC)
• Programmable finite state machine (FSM)
• Adaptive self-configuration (ASC) based on the sensor processing output (FSM / MLC)
• Embedded digital functions (free-fall, wake-up, single/double/triple-tap recognition,
activity/inactivity, 6D/4D orientation, advanced pedometer, step detector, and step
counter, significant motion detection, tilt detection)
• Embedded FIFO: up to 128 samples of accelerometer and temperature data (or analog
hub / Qvar) or 256 samples of accelerometer data at low resolution
• External clock input to allow perfect synchronization with multiple sensors or with a
controller
• Integrated analog hub / Qvar sensing channel
• Embedded temperature sensor
• Extended operating temperature range from -40 to +105°C
• Supply voltage range from 1.62 V to 3.6 V
• Independent I/O supply (1.62 V to 3.6 V) for I²C and SPI interfaces
• Independent I/O supply (extended range: 1.08 V to 3.6 V) for MIPI I3C® interface
• Small package: 2.0 x 2.0 x 0.74 (max) mm LGA 12-lead
• 10000 g high shock survivability
• ECOPACK and RoHS compliant

Applications
• Industrial IoT and factory automation
• Asset tracking
• Portable healthcare devices and hearing aids
• Antitampering devices
• Wireless sensor nodes
• Appliances and robotics
• Motion-activated functions




Similar Part No. - IIS2DULPX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
IIS2DHTR STMICROELECTRONICS-IIS2DHTR Datasheet
1Mb / 49P
Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
182Kb / 4P
Motion MEMS and microphone MEMS expansion board for STM32 Nucleo
11-Nov-2019
IIS2DLPCTR STMICROELECTRONICS-IIS2DLPCTR Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
More results


Similar Description - IIS2DULPX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6375 STMICROELECTRONICS-L6375 Datasheet
84Kb / 12P
0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
Feb-2000
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1_10 Datasheet
1Mb / 18P
For Industrial Applications
Rev. 1.3, 2010-03-16
logo
VTI technologies
SCA3060-D01 VTI-SCA3060-D01 Datasheet
242Kb / 4P
DIGITAL LOW POWER ACCELEROMETER FOR AUTOMOTIVE APPLICATIONS
logo
International Rectifier
IRAM630-1562F IRF-IRAM630-1562F Datasheet
617Kb / 19P
Intelligent Power Module for Energy Efficient Compressor Applications
logo
STMicroelectronics
IIS328DQ STMICROELECTRONICS-IIS328DQ Datasheet
839Kb / 40P
High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
AIS25BA STMICROELECTRONICS-AIS25BA Datasheet
1Mb / 31P
Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
16-Aug-2024
logo
Advantech Co., Ltd.
PCL-M10 ADVANTECH-PCL-M10 Datasheet
388Kb / 1P
Industrial Accelerometer
14-Jul-2021
logo
STMicroelectronics
LIS2DUX12 STMICROELECTRONICS-LIS2DUX12 Datasheet
2Mb / 102P
Ultralow-power accelerometer with AI & anti-aliasing
09-Nov-2022
LIS2DUXS12 STMICROELECTRONICS-LIS2DUXS12 Datasheet
3Mb / 104P
Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
09-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com