Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DULPX Datasheet(PDF) 2 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 2 Page - STMicroelectronics

  IIS2DULPX Datasheet HTML 1Page - STMicroelectronics IIS2DULPX Datasheet HTML 2Page - STMicroelectronics IIS2DULPX Datasheet HTML 3Page - STMicroelectronics IIS2DULPX Datasheet HTML 4Page - STMicroelectronics IIS2DULPX Datasheet HTML 5Page - STMicroelectronics IIS2DULPX Datasheet HTML 6Page - STMicroelectronics IIS2DULPX Datasheet HTML 7Page - STMicroelectronics IIS2DULPX Datasheet HTML 8Page - STMicroelectronics IIS2DULPX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
The FSM and MLC with ASC deliver outstanding always-on, edge processing capabilities to the IIS2DULPX,
while the analog hub / Qvar sensing channel defines a new degree of system optimization. The IIS2DULPX MIPI
I3C® target interface and embedded 128-level FIFO buffer complete a set of features that make this
accelerometer a reference in terms of system integration from a standpoint of the bill of materials, processing, or
power consumption.
The device has user-selectable full scales of ±2g/±4g/±8g/±16g and is capable of measuring accelerations with
output data rates from 1.6 Hz to 800 Hz.
The IIS2DULPX has a dedicated internal engine to process motion and acceleration detection including free-fall,
wake-up, single/double/triple-tap recognition, activity/inactivity, and 6D/4D orientation.
The device is available in a small thin plastic, land grid array (LGA) package and it is guaranteed to operate over
an extended temperature range from -40°C to +105°C.
IIS2DULPX
DS14580 - Rev 1
page 2/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com