Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DULPX Datasheet(PDF) 40 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 40 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 36Page - STMicroelectronics IIS2DULPX Datasheet HTML 37Page - STMicroelectronics IIS2DULPX Datasheet HTML 38Page - STMicroelectronics IIS2DULPX Datasheet HTML 39Page - STMicroelectronics IIS2DULPX Datasheet HTML 40Page - STMicroelectronics IIS2DULPX Datasheet HTML 41Page - STMicroelectronics IIS2DULPX Datasheet HTML 42Page - STMicroelectronics IIS2DULPX Datasheet HTML 43Page - STMicroelectronics IIS2DULPX Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
8.3
WAKE_UP_DUR_EXT (0Eh)
R/W
Table 24. WAKE_UP_DUR_EXT register
0(1)
0(1)
0(1)
WU_DUR_
EXTENDED
0(1)
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 25. WAKE_UP_DUR_EXT register description
WU_DUR_EXTENDED
This bit is used to select the resolution of WAKE_DUR[1:0] bits in register WAKE_UP_DUR (1Dh).
Default value: 0
8.4
WHO_AM_I (0Fh)
This register is a read-only register. Its value is fixed at 47h.
Table 26. WHO_AM_I register default values
0
1
0
0
0
1
1
1
IIS2DULPX
Register description
DS14580 - Rev 1
page 40/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com