Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DULPX Datasheet(PDF) 21 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 21 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 17Page - STMicroelectronics IIS2DULPX Datasheet HTML 18Page - STMicroelectronics IIS2DULPX Datasheet HTML 19Page - STMicroelectronics IIS2DULPX Datasheet HTML 20Page - STMicroelectronics IIS2DULPX Datasheet HTML 21Page - STMicroelectronics IIS2DULPX Datasheet HTML 22Page - STMicroelectronics IIS2DULPX Datasheet HTML 23Page - STMicroelectronics IIS2DULPX Datasheet HTML 24Page - STMicroelectronics IIS2DULPX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
The FIFO buffer can work according to six different modes:
•
Bypass mode
•
FIFO mode
•
Continuous mode
•
Continuous-to-FIFO mode
•
Bypass-to-continuous
•
Bypass-to-FIFO
Each mode is selected by the FIFO_MODE[2:0] bits in the FIFO_CTRL (15h) register. A programmable FIFO
watermark is selected in the FIFO_WTM (16h) register.
FIFO status is available in the FIFO_STATUS1 (26h) and FIFO_STATUS2 (27h) registers and can be used to
generate dedicated interrupts on the INT1 and INT2 pins using the CTRL2 (11h) and CTRL3 (12h) registers.
The FIFO_WTM_IA bit in the FIFO_STATUS1 (26h) register goes to 1 when the number of unread samples is
greater than or equal to FTH[6:0] in FIFO_WTM (16h).
The FIFO_OVR_IA bit in FIFO_STATUS1 (26h) is equal to 1 if a FIFO sample is overwritten.
FSS[7:0] in FIFO_STATUS2 (27h) contains stored data levels of unread samples.
When FSS[7:0] is equal to 00000000, FIFO is empty. When FSS[7:0] is equal to 10000000, FIFO is full and the
unread samples are 128.
5.1.1
Bypass mode
In bypass mode FIFO_CTRL (15h) (FIFO_MODE[2:0] = 000), the FIFO is not operational, the buffer content is
cleared, and no data is collected in FIFO memory, which remains empty with only the actual sample available in
the output registers.
Bypass mode is also used to reset the FIFO when in FIFO mode.
5.1.2
FIFO mode
In FIFO mode FIFO_CTRL (15h) (FIFO_MODE[2:0] = 001) data from the output channels are stored in the FIFO
memory until it is full. When 128 unread samples are stored in memory, data collecting is stopped until FIFO
mode is restarted.
To reset FIFO content, bypass mode should be selected by writing FIFO_CTRL (15h) (FIFO_MODE[2:0]) to 000.
After this reset command, it is possible to restart FIFO mode, writing FIFO_CTRL (15h) (FIFO_MODE[2:0]) to
001.
5.1.3
Continuous mode
Continuous mode FIFO_CTRL (15h) (FIFO_MODE[2:0] = 110) provides a continuous FIFO update: when 128
unread samples are stored in memory, as new data arrives, the oldest data is discarded and overwritten by the
newer.
A FIFO threshold flag FIFO_WTM_IA bit in FIFO_STATUS1 (26h) is asserted when the number of unread
samples in FIFO is greater than or equal to FTH[6:0] in FIFO_WTM (16h).
It is possible to route the FIFO_WTM_IA bit to the INT1 pin by writing the INT1_FIFO_TH bit to 1 in register
CTRL2 (11h) or to the INT2 pin by writing the INT2_FIFO_TH bit to 1 in register CTRL3 (12h).
If an overrun occurs, the oldest sample in FIFO is overwritten and the FIFO_OVR_IA flag in FIFO_STATUS1
(26h) is asserted.
5.1.4
Continuous-to-FIFO mode
In continuous-to-FIFO mode FIFO_MODE[2:0] = 011 in the FIFO_CTRL (15h) register, FIFO operates in
continuous mode and FIFO mode starts upon an edge trigger event. When the FIFO is full, data collecting is
stopped. The trigger event could be single/double/triple-tap, wake-up, free-fall, 6D interrupt or any combination of
these events, but every interrupt has to be routed to the corresponding pin to be used as a trigger.
IIS2DULPX
Digital main blocks and embedded low-power features
DS14580 - Rev 1
page 21/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com