Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DULPX Datasheet(PDF) 13 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 9Page - STMicroelectronics IIS2DULPX Datasheet HTML 10Page - STMicroelectronics IIS2DULPX Datasheet HTML 11Page - STMicroelectronics IIS2DULPX Datasheet HTML 12Page - STMicroelectronics IIS2DULPX Datasheet HTML 13Page - STMicroelectronics IIS2DULPX Datasheet HTML 14Page - STMicroelectronics IIS2DULPX Datasheet HTML 15Page - STMicroelectronics IIS2DULPX Datasheet HTML 16Page - STMicroelectronics IIS2DULPX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
3
Functionality
3.1
Operating modes
The IIS2DULPX has four operating modes: high-performance, low-power, ultralow-power, and one-shot mode. In
low-power mode, an aggressive antialiasing filter is active, but the overall supply current remains extraordinarily
low (refer to Table 3).
3.2
One-shot modes
The device features two one-shot modes: one-shot triggered by the INT2 pin, and one-shot triggered by the
I²C/SPI/I3C digital interface.
3.3
Power-up sequence
When VDD and VDDIO are set, the device enters a deep power-down state: this is an ultralow current condition in
which the device is powered but with a very aggressive trade-off in supply current.
In order to wake up the device, the first step is to perform a power-up command bringing the device into a soft
power-down state: the device is now ready to be configured and generate data.
The IIS2DULPX offers four different operating modes able to generate accelerometer and temperature data: high-
performance mode, low-power mode, ultralow-power mode, and one-shot mode.
Figure 6. Power-up sequence
Deep
power-down
Deep
power-down
High-performance mode
Low-power mode
Ultralow-power mode
One-shot mode
DEEP
power-down
SOFT
power-down
Power-UP
command
Device
configuration
SOFT
Power-OFF
command
DEEP
Power-OFF
command
IIS2DULPX
Functionality
DS14580 - Rev 1
page 13/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com