Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DULPX Datasheet(PDF) 28 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 28 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 24Page - STMicroelectronics IIS2DULPX Datasheet HTML 25Page - STMicroelectronics IIS2DULPX Datasheet HTML 26Page - STMicroelectronics IIS2DULPX Datasheet HTML 27Page - STMicroelectronics IIS2DULPX Datasheet HTML 28Page - STMicroelectronics IIS2DULPX Datasheet HTML 29Page - STMicroelectronics IIS2DULPX Datasheet HTML 30Page - STMicroelectronics IIS2DULPX Datasheet HTML 31Page - STMicroelectronics IIS2DULPX Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 106 page
background image
6
Digital interfaces
The registers embedded inside the IIS2DULPX may be accessed through both the I²C, MIPI I3C®, and SPI serial
interfaces. The latter may be software configured to operate either in 3-wire or 4-wire interface mode.
The serial interfaces are mapped to the same pins. To select/exploit the I²C/MIPI I3C® interface, the CS line must
be tied high (that is, connected to VDDIO).
Table 11. Serial interface pin description
Pin name
Pin description
CS
SPI/I²C/MIPI I3C® mode selection
1: SPI idle mode / I²C/MIPI I3C® enabled
0: SPI enabled / I²C/MIPI I3C® disabled
SCL
SPC
I²C/MIPI I3C® serial clock (SCL)
SPI serial port clock (SPC)
SDA
SDI
SDO
I²C/MIPI I3C® serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
TA0
SDO
I²C address selection (TA0)
SPI serial data output (SDO)
6.1
I²C serial interface
The IIS2DULPX I²C is a bus target. The I²C is employed to write data into registers whose content can also be
read back.
The relevant I²C terminology is given in the table below.
Table 12. I²C terminology
Term
Description
Transmitter
The device that sends data to the bus
Receiver
The device that receives data from the bus
Controller
The device that initiates a transfer, generates clock signals, and terminates a transfer
Target
The device addressed by the controller
There are two signals associated with the I²C bus: the serial clock line (SCL) and the serial data line (SDA). The
latter is a bidirectional line used for sending and receiving the data to/from the interface. Both lines must be
connected to VDDIO through an external pull-up resistor. When the bus is free, both the lines are high.
The I²C interface supports fast mode (400 kHz) and fast mode plus (1000 kHz) I²C standards as well as normal
mode.
IIS2DULPX
Digital interfaces
DS14580 - Rev 1
page 28/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com