Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611QTR Datasheet (PDF) - STMicroelectronics

STDRIVEG611QTR Datasheet PDF - STMicroelectronics
Part # STDRIVEG611QTR
Download  STDRIVEG611QTR Download
File Size   1708.27 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage and high-speed half-bridge gate driver for GaN power switches

STDRIVEG611QTR Datasheet (PDF)

Go To PDF Page Download Datasheet
STDRIVEG611QTR Datasheet PDF - STMicroelectronics

Part # STDRIVEG611QTR
Download  STDRIVEG611QTR Click to download

File Size   1708.27 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage and high-speed half-bridge gate driver for GaN power switches

STDRIVEG611QTR Datasheet (HTML) - STMicroelectronics


STDRIVEG611QTR Product details

Features
• High voltage rail up to 600 V
• dV/dt transient immunity ±200 V/ns
• Driver with separated sink and source path for optimal driving:
– 2.4 A and 1.2 Ω sink
– 1.0 A and 3.7 Ω source
• High-side and low-side linear regulators for 6 V gate driving voltage
• Fast high-side startup time: 5 μs
• 45 ns propagation delay, 15 ns minimum output pulse
• High switching frequency (> 1 MHz)
• Embedded 600 V bootstrap diode
• Full support of GaN hard-switching operation
• Comparator for overcurrent detection with Smart Shutdown
• UVLO function on VCC, VHS, and VLS
• Separated logic inputs and shutdown pin
• Fault pin for overcurrent, overtemperature and UVLO reporting
• Stand-by function for low consumption mode
• Separated PGND for Kelvin source driving and current shunt compatibility
• 3.3 V to 20 V compatible inputs with hysteresis and pull-down

Applications
• Motor driver for home appliances, pumps, and compressors
• Factory automation, servo, and industrial drives
• E-bikes and power tools
• Class D audio amplifiers
• DC/DC and resonant converters, PFC, battery charger and adapters




Similar Part No. - STDRIVEG611QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
1Mb / 11P
Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
03-Apr-2024
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
882Kb / 32P
Triple half-bridge gate driver
26-Oct-2020
STDRIVE101TR STMICROELECTRONICS-STDRIVE101TR Datasheet
882Kb / 32P
Triple half-bridge gate driver
26-Oct-2020
STDRIVE102BH STMICROELECTRONICS-STDRIVE102BH Datasheet
3Mb / 56P
Triple half-bridge gate driver with programmable currents
24-Mar-2025
More results


Similar Description - STDRIVEG611QTR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
High Voltage IC Half Bridge Gate Driver
July 1998
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Diodes Incorporated
DGD05062 DIODES-DGD05062 Datasheet
669Kb / 12P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 1
DGD05463 DIODES-DGD05463 Datasheet
777Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 4
logo
ON Semiconductor
NCP51820 ONSEMI-NCP51820 Datasheet
787Kb / 20P
High Speed Half-Bridge Driver for GaN Power Switches
August, 2020 ??Rev. 2
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
Triple half-bridge high-voltage gate driver
02-Apr-2021
logo
ON Semiconductor
NCP51810 ONSEMI-NCP51810 Datasheet
774Kb / 20P
High Speed Half-Bridge Driver for GaN Power Switches
May, 2022 - Rev. 3
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com