Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611QTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STDRIVEG611QTR
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611QTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STDRIVEG611QTR Datasheet HTML 2Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 3Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 4Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 5Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 6Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 7Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 8Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 9Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
4
Device ratings
4.1
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 2 may cause permanent damage to the device.
Exposure to maximum rating conditions for extended periods may affect device reliability. All voltages referred to
ground pins unless otherwise specified.
Table 2. Absolute maximum ratings
Symbol
Parameter
Test condition
Value
Unit
VCC
Logic supply voltage
-0.3 to 21
V
PGND
Low-side driver ground vs. logic ground
VCC = 14 V
-7 to 7
V
VVCC-PGND
Logic supply vs. low-side driver ground
-0.3 to 21
V
VVCCL_max
Regulated low-side driver supply vs. logic ground
-0.3 to 21
V
VLS
Regulated low-side driver supply voltage (1) (2)
-0.3 to 21
V
ILS_OUT
Low-side regulator maximum current (1)
(2)
Self-limited
A
VVCC-VCCL_max Maximum low-side dropout voltage
-0.3 to self-regulated
V
VOUTL_max
Low-side output to PGND voltage
DC values
-0.3 to VCCL+0.3
V
VRONL_max
Low-side turn-on resistor pin max. voltage
VOUTL-0.3 to VCCL+0.3
V
VBOOT
BOOT pin voltage referred to GND
-0.3 to 621
V
VBO
High-side regulator input voltage (1)
-0.3 to 21
V
VHS
Regulated high-side driver supply voltage (1) (2)
-0.3 to 21
V
IHS_OUT
High-side regulator maximum current (1)
(2)
Self-limited
A
VBOOT-VCCH_max Maximum high-side dropout voltage
-0.3 to self-regulated
V
VOUTH_max
High-side output to OUT voltage
DC values
-0.3 to VCCH+0.3
V
VRONH_max
High-side turn-on resistor pin max. voltage
VOUTH-0.3 to VCCH+0.3
V
dVOUT/dt_max
Maximum OUT voltage slew rate (3)
200
V/ns
CIN
Comparator input voltage
-0.3 to 21
V
Vin_max
Logic inputs voltage range (LIN, HIN, SD/OD, STBY,
FLT)
-0.3 to 21
V
IFLT_max
Maximum FLT pin current (DC inward)
VCC = 7 V
10
mA
IOD_max
Maximum SD/OD pin current (DC inward)
VCC = 12 V
10
mA
TJ
Junction temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
ESD
HBM (Human Body Model)
ANSI/ESDA/JEDEC
JS-001-2017
2 (4)
kV
CDM (Charged Device Model)
ANSI/ESDA/JEDEC
JS-002-2018
1
kV
1. VLS = VVCCL-PGND, VHS = VVCCH-OUT, VBO = VBOOT-OUT.
2. The internal low-side and high-side voltage regulators are not intended to be connected to external load nor voltage
sources.
3. Range estimated by characterization on a limited number of samples, not tested in production.
4. High voltage pin 18 vs. GND has 1500 V rating
STDRIVEG611
Device ratings
DS14457 - Rev 2
page 6/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com