Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611QTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STDRIVEG611QTR
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611QTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STDRIVEG611QTR Datasheet HTML 20Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 21Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 22Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 23Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 24Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 25Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 26Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 27Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
8
Package information
To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
QFN 4 x 5 x 1 mm, 18 leads, 0.5 mm pitch, package information
Table 8. QFN 4 x 5 x 1 mm, 18 leads, 0.5 mm pitch, package dimensions
Symbol
Dimensions [mm]
Min.
Typ.
Max
A
0.927
0.977
1.047
A1
0.0
-
0.05
A2
-
0.850
-
A3
0.03
0.13
0.23
b
0.20
0.25
0.30
D
4 BSC
e
0.50 BSC
E
5 BSC
L
0.30
0.40
0.50
TOLERANCE
ccc
0.08
Note:
Package outline exclusive of metal burr dimensions.
Note:
Co-planarity applies to leads, corner leads and die attach pad.
STDRIVEG611
Package information
DS14457 - Rev 2
page 24/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com