Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611QTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STDRIVEG611QTR
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611QTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STDRIVEG611QTR Datasheet HTML 25Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 26Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 27Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 28Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 29Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 30Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 31Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 32Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Contents
1
Block diagram .....................................................................2
2
Typical application schematics ....................................................3
3
Pin description ....................................................................4
4
Device ratings .....................................................................6
4.1
Absolute maximum ratings....................................................... 6
4.2
Recommended operating conditions .............................................. 7
4.3
Thermal data .................................................................. 7
5
Electrical characteristics...........................................................8
5.1
Characterization figures ........................................................ 11
6
Device description................................................................13
6.1
Device structure .............................................................. 13
6.1.1
Logic section ........................................................... 13
6.1.2
Low-side driver ......................................................... 13
6.1.3
High-side driver......................................................... 14
6.1.4
Comparator and smart shutdown ........................................... 14
6.2
Truth table and control inputs ................................................... 14
6.3
Gate driving outputs and gate resistors ........................................... 15
6.3.1
Gate driving network for slow hard-off dV/dt (motor control applications) ............. 16
6.4
Supply rails, LDOs, UVLO protections, and bootstrap diode .......................... 16
6.4.1
VCC supply structure and relevant UVLO protection............................. 17
6.4.2
VLS supply structure and relevant UVLO protection ............................. 17
6.4.3
Bootstrap diode......................................................... 18
6.4.4
VHS supply structure and relevant UVLO protection ............................. 18
6.5
Standby ..................................................................... 19
6.6
Comparator with SmartSD ...................................................... 19
6.7
Thermal shutdown............................................................. 21
7
PCB, BOM, and layout recommendations .........................................22
7.1
PCB suggestions.............................................................. 22
7.1.1
External BOM values selection and placement ................................. 22
7.1.2
Gate resistors .......................................................... 23
7.1.3
Noise reduction ......................................................... 23
8
Package information..............................................................24
8.1
QFN 4 x 5 x 1 mm, 18 leads, 0.5 mm pitch, package information...................... 24
8.2
Suggested footprint............................................................ 26
STDRIVEG611
Contents
DS14457 - Rev 2
page 29/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com