Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611QTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STDRIVEG611QTR
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611QTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STDRIVEG611QTR Datasheet HTML 7Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 8Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 9Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 10Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 11Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 12Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 13Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 14Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
THYS
Temperature hysteresis
(1)
17
20
23
°C
tTSD
OT protection enabling time after STBY =
high
(1)
20
μs
1. Not tested in production: value by characterization on a limited number of samples.
2. MT = max (| tDon_L - tDoff_L |, | tDon_H - tDoff_H |, | tDoff_L - tDon_H |, | tDoff_H - tDon_L |)
5.1
Characterization figures
Figure 5. Timing definitions
OUTL
OUTH
HIN
LIN
OUTL
OUTH
>tINmin
OUTL
OUTH
SD/OD
STBY
>tINmin
50%
50%
50%
50%
10%
10%
90%
90%
10%
10%
90%
90%
tr
tr
tf
tf
tDon_H
tDoff_H
50%
50%
90%
10%
tSDoff
tSDon
50%
50%
90%
10%
tSTBYoff
tWU
tDon_L
tDoff_L
FLT
90%
10%
tSTBY_FLT
tWU_FLT
STDRIVEG611
Electrical
characteristics
DS14457 - Rev 2
page 11/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com