Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601 Datasheet (PDF) - STMicroelectronics

DCP3601 Datasheet PDF - STMicroelectronics
Part # DCP3601
Download  DCP3601 Download
File Size   1900.48 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 36 V, 1 A synchronous step-down converter in SOT23-6L

DCP3601 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCP3601 Datasheet PDF - STMicroelectronics

Part # DCP3601
Download  DCP3601 Click to download

File Size   1900.48 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 36 V, 1 A synchronous step-down converter in SOT23-6L

DCP3601 Datasheet (HTML) - STMicroelectronics


DCP3601 Product details

Features
• 88% typical efficiency at 600 mA load (VIN = 24 V, VOUT = 5 V)
• 91% typical efficiency at 600 mA load (VIN = 12 V, VOUT = 5 V)
• 3.3 V to 36 V input operating voltage range
• Up to 1 A output current capability
• 110 μA input quiescent current
• 1 MHz fixed switching frequency
• Synchronous rectification
• Internal compensation network
• Peak current mode control
• Two different versions: LCM for high efficiency at light loads and LNM for
noise-sensitive applications
• Output overvoltage protection
• Thermal shutdown
• Precision enable
• Switching frequency dithering
• Available in SOT23-6L package

Applications
• Major appliances
• Smart metering
• Industrial 24 V bus conversion




Similar Part No. - DCP3601

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DCP-01-X ADAM-TECH-DCP-01-X Datasheet
99Kb / 1P
D-SUB PLUG CONTACT
DCP-01-X-30 ADAM-TECH-DCP-01-X-30 Datasheet
100Kb / 1P
D-SUB PLUG CONTACT
logo
SYNERGY MICROWAVE CORPO...
DCP-2A1 SYNERGY-DCP-2A1 Datasheet
47Kb / 2P
POWER DIVIDERS 0쨘 : 3-WAY
DCP-2B2 SYNERGY-DCP-2B2 Datasheet
47Kb / 2P
POWER DIVIDERS 0쨘 : 3-WAY
DCP-2B3 SYNERGY-DCP-2B3 Datasheet
47Kb / 2P
POWER DIVIDERS 0쨘 : 3-WAY
More results


Similar Description - DCP3601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23610 TI1-LMR23610 Datasheet
148Kb / 9P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com