Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601 Datasheet(PDF) 10 Page - STMicroelectronics

Part # DCP3601
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button DCP3601 Datasheet HTML 6Page - STMicroelectronics DCP3601 Datasheet HTML 7Page - STMicroelectronics DCP3601 Datasheet HTML 8Page - STMicroelectronics DCP3601 Datasheet HTML 9Page - STMicroelectronics DCP3601 Datasheet HTML 10Page - STMicroelectronics DCP3601 Datasheet HTML 11Page - STMicroelectronics DCP3601 Datasheet HTML 12Page - STMicroelectronics DCP3601 Datasheet HTML 13Page - STMicroelectronics DCP3601 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
6.7
Overvoltage protection
The overvoltage protection monitors the FB pin and enables the low-side MOSFET to discharge the output
capacitor if the output voltage is 20% over the nominal value.
This is a second-level protection, and it should never be triggered in normal operating conditions if the system is
properly dimensioned. In other words, the selection of the external power components and the dynamic
performance determined by the compensation network should ensure an output voltage regulation within the
overvoltage threshold even during the worst-case scenario in terms of load transitions.
The protection is reliable and able to operate even during normal load transitions for a system whose dynamic
performance is not in line with the load dynamic request. Consequently, the output voltage regulation would be
affected.
The DCP3601 device implements a negative current limitation (IVY_SINK, refer to Table 7) to limit the maximum
reversed switch current during the overvoltage operation.
6.8
Thermal shutdown
The shutdown block disables the switching activity if the junction temperature is higher than a fixed internal
threshold (TSH, refer to Table 7). The thermal sensing element is close to the power elements, ensuring fast and
accurate temperature detection. A hysteresis of approximately 20 °C prevents the device from turning ON and
OFF too fast. After a thermal protection event has expired, the DCP3601 restarts with a new soft-start.
DCP3601
Functional description
DS14782 - Rev 1
page 10/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com