Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DCP3601
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601 Datasheet(HTML) 1 Page - STMicroelectronics

  DCP3601 Datasheet HTML 1Page - STMicroelectronics DCP3601 Datasheet HTML 2Page - STMicroelectronics DCP3601 Datasheet HTML 3Page - STMicroelectronics DCP3601 Datasheet HTML 4Page - STMicroelectronics DCP3601 Datasheet HTML 5Page - STMicroelectronics DCP3601 Datasheet HTML 6Page - STMicroelectronics DCP3601 Datasheet HTML 7Page - STMicroelectronics DCP3601 Datasheet HTML 8Page - STMicroelectronics DCP3601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
•
88% typical efficiency at 600 mA load (VIN = 24 V, VOUT = 5 V)
•
91% typical efficiency at 600 mA load (VIN = 12 V, VOUT = 5 V)
•
3.3 V to 36 V input operating voltage range
•
Up to 1 A output current capability
•
110 μA input quiescent current
•
1 MHz fixed switching frequency
•
Synchronous rectification
•
Internal compensation network
•
Peak current mode control
•
Two different versions: LCM for high efficiency at light loads and LNM for
noise-sensitive applications
•
Output overvoltage protection
•
Thermal shutdown
•
Precision enable
•
Switching frequency dithering
•
Available in SOT23-6L package
Applications
•
Major appliances
•
Smart metering
•
Industrial 24 V bus conversion
Description
The DCP3601 is a wide-input voltage, easy-to-use synchronous buck converter
capable of driving up to 1 A load current. The extended input range from 3.3 V to
36 V makes the device suitable for a wide range of industrial applications.
The DCP3601 operates at 1 MHz fixed switching frequency allowing the use of small
inductors for an optimized solution size.
Optional switching frequency dithering is implemented to improve EMI performances.
It is based on a peak current mode architecture, including soft-start circuit,
overcurrent protection circuit, overtemperature protection and output overvoltage
protection, and is packaged in a SOT23-6L package.
Maturity status link
DCP3601
36 V, 1 A synchronous step-down converter in SOT23-6L
DCP3601
Datasheet
DS14782 - Rev 1 - December 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - DCP3601

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DCP-01-X ADAM-TECH-DCP-01-X Datasheet
99Kb / 1P
D-SUB PLUG CONTACT
DCP-01-X-30 ADAM-TECH-DCP-01-X-30 Datasheet
100Kb / 1P
D-SUB PLUG CONTACT
logo
SYNERGY MICROWAVE CORPO...
DCP-2A1 SYNERGY-DCP-2A1 Datasheet
47Kb / 2P
POWER DIVIDERS 0쨘 : 3-WAY
DCP-2B2 SYNERGY-DCP-2B2 Datasheet
47Kb / 2P
POWER DIVIDERS 0쨘 : 3-WAY
DCP-2B3 SYNERGY-DCP-2B3 Datasheet
47Kb / 2P
POWER DIVIDERS 0쨘 : 3-WAY
More results

Similar Description - DCP3601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23610 TI1-LMR23610 Datasheet
148Kb / 9P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com