Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601 Datasheet(PDF) 11 Page - STMicroelectronics

Part # DCP3601
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button DCP3601 Datasheet HTML 7Page - STMicroelectronics DCP3601 Datasheet HTML 8Page - STMicroelectronics DCP3601 Datasheet HTML 9Page - STMicroelectronics DCP3601 Datasheet HTML 10Page - STMicroelectronics DCP3601 Datasheet HTML 11Page - STMicroelectronics DCP3601 Datasheet HTML 12Page - STMicroelectronics DCP3601 Datasheet HTML 13Page - STMicroelectronics DCP3601 Datasheet HTML 14Page - STMicroelectronics DCP3601 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
7
Application information
The DCP3601 is a buck DC-to-DC converter. It is typically used to convert a higher input voltage to a lower output
DC voltage with a maximum output current of 1 A. The following design procedure can be used to select
components for the DCP3601.
7.1
Typical application
The device only requires a few external components to convert from a wide voltage range supply to a fixed output
voltage. The figure below shows a basic schematic.
Figure 4. DCP3601 application schematic
7.2
Output voltage setting
The error amplifier reference voltage is 0.85 V typical (refer to Table 7). The output voltage is adjusted accordingly
with the following equation:
VOUT=0.85∙ 1+R1R2
(8)
7.3
Input capacitor selection
The input capacitor voltage rating must be higher than the maximum input operating voltage of the application.
During the switching activity a pulsed current flows into the input capacitor, and so its RMS current capability must
be selected according to the application conditions. Internal losses of the input filter depend on the ESR value, so
low ESR capacitors (such as multilayer ceramic capacitors) usually have a higher RMS current capability. On the
other hand, given the RMS current value, a lower ESR input filter has lower losses and so contributes to higher
conversion efficiency.
The maximum RMS input current, flowing through the capacitor, can be calculated as follows:
IRMS=IOUT∙ 1−Dη Dη
(9)
Where IOUT is the maximum DC output current, D is the duty cycles, η is the efficiency. This function has a
maximum at D = 0.5 and, considering η = 1, it is equal to IOUT/2. In a specific application, the range of possible
duty cycles has to be considered in order to find out the maximum RMS input current. The maximum and
minimum duty cycles can be calculated as:
DMAX= VOUT+ΔVLOW_side
VIN_min+ΔVLOW_side−ΔVHIGH_side
(10)
DMIN= VOUT+ΔVLOW_side
VIN_max+ΔVLOW_side−ΔVHIGH_side
(11)
DCP3601
Application information
DS14782 - Rev 1
page 11/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com