Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601 Datasheet(PDF) 13 Page - STMicroelectronics

Part # DCP3601
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button DCP3601 Datasheet HTML 9Page - STMicroelectronics DCP3601 Datasheet HTML 10Page - STMicroelectronics DCP3601 Datasheet HTML 11Page - STMicroelectronics DCP3601 Datasheet HTML 12Page - STMicroelectronics DCP3601 Datasheet HTML 13Page - STMicroelectronics DCP3601 Datasheet HTML 14Page - STMicroelectronics DCP3601 Datasheet HTML 15Page - STMicroelectronics DCP3601 Datasheet HTML 16Page - STMicroelectronics DCP3601 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
7.5
Output capacitor selection
The triangular shape current ripple (with zero average value) flowing into the output capacitor gives the output
voltage ripple, which depends on the capacitor value and the equivalent resistive component (ESR). Therefore,
the output capacitor has to be selected in order to have a voltage ripple compliant with the application
requirements.
The voltage ripple equation can be calculated as:
∆VOUT=ESR∙∆IL_max+ ∆IL_max
8∙COUT∙FSW
(18)
For a ceramic (MLCC) capacitor, the capacitive component of the ripple dominates the resistive one. While for an
electrolytic capacitor the opposite is true. Neglecting the ESR contribution the minimum value of the output
capacitor is given by:
COUT_min_RIPPLE= ∆IL_max
8∙ΔVOUT∙FSW
(19)
As the compensation network is internal, the output capacitor should be selected in order to have a proper phase
margin and then a stable control loop.
7.6
Board layout guidelines
The DC-DC converter area is very sensitive, and it is necessary to pay attention to the layout of this part.
The DC-DC converter generates GND noise that can get coupled on the surrounding ground reducing the
sensitivity, and high-frequency components can be coupled onto the RF part. Therefore, to ensure a correct
layout, it is necessary to:
•
Provide efficient filtering by placing capacitors as close as possible
•
Reduce parasitic ensuring wide and short connections.
A two-layer or a four-layer board is strongly recommended. Put the ground layer very close to the top layer to
obtain a good ground plane reference. A minimum copper thickness for each layer of 0.035 mm (1 oz) is
suggested.
Put a ground plane internally to reduce the coupling between the traces. If it is not possible to use a four-layer
board, it is necessary to fill the area under the phase node of the board with ground metal to reduce or eliminate
radiation emissions.
Ground plane
Any switch-mode power supply requires a good PCB layout in order to achieve the maximum performance.
Component placement, and GND trace routing and width are the major issues. Basic rules commonly used for
DC-DC converters for good PCB layout should be followed. All traces carrying current should be drawn on the
PCB as short and as thick as possible. This should be done to minimize resistive and inductive parasitic effects
and increase system efficiency.
Connect all the ground metallization and/or layers with as many vias as possible. Ground vias between layers
should be added liberally throughout the RF portion of the PCB. This helps prevent the accrual of parasitic ground
inductance due to ground-current return paths. The vias also help to prevent cross-coupling from the RF and
other signal lines across the PCB.
Capacitor placing
Particular care has to be taken in the placement of the supply voltage filtering capacitors. It is, in fact, important to
ensure efficient filtering by placing these capacitors as close as possible from their dedicated pins.
The layout of decoupling capacitors is extremely important to minimize the induction loop formed between the
capacitor and the IC power and ground. The vias should be placed on the side of the capacitor lands, not the
ends. The vias should be located at the minimum keep-out distance and connected to the capacitor lands with a
wide trace - at least as wide as the via pad. Vias of opposite polarity should be placed as close together as
possible (minimum keep-out distance) and vias of the same polarity should be kept separated as much as
possible. If space allows, a second pair of vias on the opposite side of the capacitor may be added to reduce the
inductance further.
Inductor placing
The DC-DC converter inductor has to be placed as close as possible with traces as short and as thick as
possible. This should be done to minimize resistive parasitic effects and increase system efficiency.
DCP3601
Application information
DS14782 - Rev 1
page 13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com