Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601 Datasheet(PDF) 15 Page - STMicroelectronics

Part # DCP3601
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button DCP3601 Datasheet HTML 11Page - STMicroelectronics DCP3601 Datasheet HTML 12Page - STMicroelectronics DCP3601 Datasheet HTML 13Page - STMicroelectronics DCP3601 Datasheet HTML 14Page - STMicroelectronics DCP3601 Datasheet HTML 15Page - STMicroelectronics DCP3601 Datasheet HTML 16Page - STMicroelectronics DCP3601 Datasheet HTML 17Page - STMicroelectronics DCP3601 Datasheet HTML 18Page - STMicroelectronics DCP3601 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
8
Typical performance characteristics
Figure 5. DCP3601 - Efficiency (VIN = 24 V)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
Iout [A]
DCP3601C - Vin = 24V Vout = 5V
DCP3601C - Vin = 24V Vout = 3.3V
DCP3601N - Vin = 24V Vout = 5V
DCP3601N - Vin = 24V Vout = 3.3V
Figure 6. DCP3601 - Efficiency (VIN = 12 V)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
Iout [A]
DCP3601C - Vin = 12V Vout = 5V
DCP3601C - Vin = 12V Vout = 3.3V
DCP3601N - Vin = 12V Vout = 5V
DCP3601N - Vin = 12V Vout = 3.3V
Figure 7. DCP3601C - LCM operation at no load VIN = 24 V,
VOUT = 5 V, NO LOAD
Figure 8. DCP3601C - LCM operation at medium load
VIN = 24 V, VOUT = 5 V, IOUT = 500 mA
Figure 9. DCP3601C - SOFT-START phase VIN = 24 V,
VOUT = 5 V, R_LOAD = 5 Ω
Figure 10. DCP3601C - Supply current vs. VIN - No load
0
20
40
60
80
100
120
140
160
180
5
10
15
20
25
30
35
40
VIN [V]
IQ_SD- EN=GND
IQ_noSW- EN=3.3VVFB=0.9V
IQ_SW- EN=Vin Vout=5V
DCP3601
Typical performance characteristics
DS14782 - Rev 1
page 15/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com