Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601 Datasheet(PDF) 5 Page - STMicroelectronics

Part # DCP3601
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601 Datasheet(HTML) 5 Page - STMicroelectronics

  DCP3601 Datasheet HTML 1Page - STMicroelectronics DCP3601 Datasheet HTML 2Page - STMicroelectronics DCP3601 Datasheet HTML 3Page - STMicroelectronics DCP3601 Datasheet HTML 4Page - STMicroelectronics DCP3601 Datasheet HTML 5Page - STMicroelectronics DCP3601 Datasheet HTML 6Page - STMicroelectronics DCP3601 Datasheet HTML 7Page - STMicroelectronics DCP3601 Datasheet HTML 8Page - STMicroelectronics DCP3601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
4
Electrical characteristics
TJ = 25 °C, VIN = 24 V unless otherwise specified.
Table 7. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VFB
Feedback voltage
TJ = 25 °C
0.833
0.850
0.867
V
IQ
Quiescent current
LCM version – VEN = 3.3 V, VFB = 0.90 V
(No Switching)
110
140
μA
LNM version – VEN = 3.3 V, VFB = 0.90 V
(No Switching)
1.4
mA
ISD
Shutdown current
VEN = 0 V
4
7
μA
ISKIP
Skip current limit
0.25
A
IVY_SINK
Reverse current limit
LNM or VOUT overvoltage
0.80
1.0
1.15
A
VUVLO
Undervoltage lockout threshold
VIN rising
2.85
3.2
V
VIN falling
2.55
2.9
V
VEN
Enable threshold
VEN rising
1.1
1.23
1.36
V
VEN falling
0.95
1.1
1.22
V
ILKG_EN
Enable input leakage current
VEN = 3.3 V
10
200
nA
VEN = 36 V
10
ILKG_FB
Feedback input leakage current
VFB = 1.2 V
0.2
nA
RDS_ON_HS
High-side MOSFET on-resistance
ISW = 0.1 A
0.50
0.60
Ω
RDS_ON_LS
Low-side MOSFET on-resistance
ISW = 0.1 A
0.26
0.40
ILIM_HS
High-side MOSFET switch current limit
VIN = 24 V
1.4
1.55
1.65
A
ILIM_LS
Low-side MOSFET switch current limit
VIN = 24 V
1.35
1.6
1.75
A
tON_MIN
Minimum switch-on time
on SW pin
110
ns
tOFF_MIN
Minimum switch-off time
on SW pin
110
ns
tSS
Internal soft-start time
from 10% to 90% of VFB
1.4
ms
FSW
Switching frequency
0.8
1
1.2
MHz
TSD
Thermal shutdown threshold
175
°C
TSD_REC
Thermal recovery threshold
155
°C
VOVP
Overvoltage threshold (VOVP/VFB)
120
%
VOVP_HYST
Overvoltage hysteresis
2
%
DCP3601
Electrical characteristics
DS14782 - Rev 1
page 5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com