Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601 Datasheet(PDF) 14 Page - STMicroelectronics

Part # DCP3601
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button DCP3601 Datasheet HTML 10Page - STMicroelectronics DCP3601 Datasheet HTML 11Page - STMicroelectronics DCP3601 Datasheet HTML 12Page - STMicroelectronics DCP3601 Datasheet HTML 13Page - STMicroelectronics DCP3601 Datasheet HTML 14Page - STMicroelectronics DCP3601 Datasheet HTML 15Page - STMicroelectronics DCP3601 Datasheet HTML 16Page - STMicroelectronics DCP3601 Datasheet HTML 17Page - STMicroelectronics DCP3601 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Feedback resistor placing
It is important to place the resistor divider close to the FB pin to reduce noise sensitivity of the output voltage
feedback path. Route the VOUT sense path away from noisy nodes and preferably through a layer on the other
side of a shielded layer.
Thermal aspects
The device power dissipation inside the IC is mainly due to the DC-DC integrated MOSFET power loss. The heat
generated due to this power dissipation level requires a suitable heat sink to keep the junction temperature below
the overtemperature protection threshold (Thermal Shutdown) at the rated ambient temperature. Try, where
possible, to increase the number of power planes connected to improve the heat dissipation.
However, different layouts are also possible. Basic principles suggest keeping the IC in the middle of the
dissipating area; to provide as many vias as possible; to design a dissipating area having a shape as square as
possible and not interrupted by other copper traces.
DCP3601
Application information
DS14782 - Rev 1
page 14/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com