Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6630-110DA Datasheet (PDF) - AXElite technology co. ltd

AX6630-110DA Datasheet PDF - AXElite technology co. ltd
Part # AX6630-110DA
Download  AX6630-110DA Download
File Size   910.57 Kbytes
Page   15 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.2A High Output Current LDO Regulator

AX6630-110DA Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6630-110DA Datasheet PDF - AXElite technology co. ltd

Part # AX6630-110DA
Download  AX6630-110DA Click to download

File Size   910.57 Kbytes
Page   15 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.2A High Output Current LDO Regulator

AX6630-110DA Datasheet (HTML) - AXElite technology co. ltd


AX6630-110DA Product details

 GENERAL DESCRIPTION
The AX6630/A is a low noise, high output current, low quiescent current and low dropout linear regulator. The Device includes pass element, error amplifier, band-gap, current-limit and thermal shutdown circuitry. The output current is up to 1.2A. The characteristics of low dropout voltage and less quiescent current make it good for some critical current application, for example, some battery powered devices. The typical quiescent current is approximately 50μA. Due to internal flexible design, result in extensively fixed output voltage versions form 1.0V to 5V per 0.1V steps. Built-in current-limit, Short current protection and thermal-shutdown functions prevent any fault condition from IC damage.

 FEATURES
- Input voltage range 2.6 V~ 5.5 V
- Dropout voltage is 3 8 0mV at 1 A output current
- Guaranteed 1.2A output current
- Low quiescent current is 5 0µA (
- Fixed Output voltage is form 1.0 V to 5V by 0.1V steps.
- Fast transient response
- Current limit and thermal shutdown protection
- Short circuit current fold back
- Available in the 3 Pin Pb Free SOT89, SOT 223, TO263 and TO252 p ackage s
- RoHS and Halogen free compliance.




Similar Part No. - AX6630-110DA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6631 AXELITE-AX6631 Datasheet
643Kb / 11P
1.2A High Output Current LDO Regulator
Rev.1.7 Nov.13, 2019
AX6631D5 AXELITE-AX6631D5 Datasheet
643Kb / 11P
1.2A High Output Current LDO Regulator
Rev.1.7 Nov.13, 2019
AX6631D5A AXELITE-AX6631D5A Datasheet
643Kb / 11P
1.2A High Output Current LDO Regulator
Rev.1.7 Nov.13, 2019
AX6631S AXELITE-AX6631S Datasheet
643Kb / 11P
1.2A High Output Current LDO Regulator
Rev.1.7 Nov.13, 2019
AX6631SA AXELITE-AX6631SA Datasheet
643Kb / 11P
1.2A High Output Current LDO Regulator
Rev.1.7 Nov.13, 2019
More results


Similar Description - AX6630-110DA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9110 INTERSIL-ISL9110 Datasheet
1Mb / 20P
1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
1.2A Peak Output Current
logo
Advanced Power Electron...
APE8969 A-POWER-APE8969 Datasheet
259Kb / 7P
1.2A HIGH OUTPUT CURRENT LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1150ADSXX HUAXINAN-AP1150ADSXX Datasheet
719Kb / 19P
Output LDO Regulator
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
Output LDO Regulator
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
Output LDO Regulator
logo
Linear Technology
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
1.2A Step-Down Switching Regulator with Output Current Limit
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
Output Current up to 1.2A
logo
ELM Technology Corporat...
ELM84-SERIES ELM-TECH-ELM84-SERIES Datasheet
2Mb / 21P
CMOS 1.2A high current LDO voltage regulator
ELM84 ELM-TECH-ELM84 Datasheet
2Mb / 21P
CMOS 1.2A high current LDO voltage regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com