Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5306 Datasheet (PDF) - Lowpower Semiconductor inc

LP5306 Datasheet PDF - Lowpower Semiconductor inc
Part # LP5306
Download  LP5306 Download
File Size   443.61 Kbytes
Page   8 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description Over Voltage and Over Current Protection IC

LP5306 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5306 Datasheet PDF - Lowpower Semiconductor inc

Part # LP5306
Download  LP5306 Click to download

File Size   443.61 Kbytes
Page   8 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description Over Voltage and Over Current Protection IC

LP5306 Datasheet (HTML) - Lowpower Semiconductor inc


LP5306 Product details

General Description
The LP5306 is a highly integrated circuits, it used to
protect low voltage system from abnormal high input
voltage. The IC continuously check the input voltage,
the input current, and the battery voltage. When the
protection status is occur, the power MOS will turn off
at the same time. The LP5306 is safety devices to
ensure worked against accidents.
In case of the input voltage exceeds a OVP threshold
voltage level, the power MOS will turn off within 1μs.
The current limit can is adjustable by external resistor
between ISET and GND. And the current is also
limited to prevent charging the battery with an
excessive current. The LP5306 also monitors the
Li-ion battery voltage, when the battery voltage
exceeds 4.35V, the IC will turn off the MOS.
Other features include over temperature protection
and under-voltage lockout (UVLO). The LP5306
is available in a space saving DFN-8 package.

Features
 Withstand High Input Voltage Up to 26V
 Adjustable Over Current Protection
 Input Over Voltage Protection
 Battery Over Voltage Protection
 High Accuracy Protection Thresholds
 Fault Signal Output
 Enable Control
 Under Voltage Lockout
 Output Short-Circuit Protection
 Over-Temperature Protection
 Available in DFN-8
 RoHS Compliant and Halogen Free

Applications
 Cell Phones
 Digital Cameras
 Portable Instruments




Similar Part No. - LP5306

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5300B6F POWER-LP5300B6F Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5300X3F POWER-LP5300X3F Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
LP5301B6F POWER-LP5301B6F Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
More results


Similar Description - LP5306

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
Over voltage and over current protection IC
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
Over voltage and over current protection IC
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
Over voltage and over current protection IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com