Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5306 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP5306
Description  Over Voltage and Over Current Protection IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP5306 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP5306 Datasheet HTML 1Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 2Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 3Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 4Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 5Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 6Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 7Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary Datasheet
LP5306
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 5 of 8
LP5306 Version 0.2 JUN.-2018
Electrical Characteristics
(VIN = 5V, TA = 25°C, Unless Otherwise Specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
General Function
Power Source Voltage
VIN
TJ= +25 °C
3.3
5
26
V
Input UVLO Threshold
VUVLO
VIN Rising
2.5
2.7
2.9
V
UVLO Threshold Hysteresis
Δ
VUVLO
Falling Hysteresis
200
mV
Power On Deglitch Time
TDeglitch
8
ms
Soft Start Time
TSS
8.2
ms
Power Source Current
IIN
VIN=5V, EN=L
400
µA
Shutdown Current
ISD
VIN=5V, EN=H
55
uA
Thermal Shutdown Threshold
TSD
140
°C
Thermal Shutdown Threshold
Hysteresis
ΔTSD
20
°C
Logic Function
EN Threshold Voltage
VENH
1.4
V
VENL
0.4
V
EN Input Resistance to GND
IEN
EN=2V
15
uA
FAULT Output Logic Low
Sink 5mA
0.2
V
FAULT Logic High Leakage Current
Fault=5V
10
uA
Power MOS
Switch On Resistance
RDS(ON)
IOUT=1A
160
250
m
Ω
Protection Functions
Input Over Voltage Protect threshold
VIOVP
VIN from 5V to 10V
6.8
V
Input OVP threshold Hysteresis
Δ
VIOVP
VIN from 10V to 5V
50
mV
Input OVP Recovery Delay Time
TOVPR
8.2
ms
Over Current Protection
IOCP
RSET = 24.9K,
3.3V<VIN<VIOVP
1
A
OCP Blanking Time
TOCP
200
us
Over Current Recover Delay
TOCR
65
ms
Battery Voltage OVP
VBOVP
VIN=5V
4.35
V
Battery OVP Hysteresis
Δ
VBOVP
VIN=5V
0.275
V
Battery OVP Blanking Time
TBOVP
VIN=5V
200
us
BAT Pin Leakage Current
IBAT
VIN=5V, VBAT=4.4V
10
nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com