Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5306 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP5306
Description  Over Voltage and Over Current Protection IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP5306 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP5306 Datasheet HTML 1Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 2Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 3Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 4Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 5Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 6Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 7Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP5306
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 1 of 8
LP5306 Version 0.2 JUN.-2018
Over Voltage and Over Current Protection IC
General Description
The LP5306
is a highly integrated circuits, it used to
protect low voltage system from abnormal high input
voltage. The IC continuously check the input voltage,
the input current, and the battery voltage. When the
protection status is occur, the power MOS will turn off
at the same time. The LP5306
is safety devices to
ensure worked against accidents.
In case of the input voltage exceeds a OVP threshold
voltage level, the power MOS will turn off within 1μs.
The current limit can is adjustable by external resistor
between ISET and GND. And the current is also
limited to prevent charging the battery with an
excessive current. The LP5306
also monitors the
Li-ion battery voltage, when the battery voltage
exceeds 4.35V, the IC will turn off the MOS.
Other features include over temperature protection
and under-voltage lockout (UVLO). The
LP5306
is available in a space saving DFN-8 package.
Order Information
LP5306□□□
F: Green
Package Type
QV: DFN-8
Features
Withstand High Input Voltage Up to 26V
Adjustable Over Current Protection
Input Over Voltage Protection
Battery Over Voltage Protection
High Accuracy Protection Thresholds
Fault Signal Output
Enable Control
Under Voltage Lockout
Output Short-Circuit Protection
Over-Temperature Protection
Available in DFN-8
RoHS Compliant and Halogen Free
Applications
Cell Phones
Digital Cameras
Portable Instruments
Marking Information
Device
Marking
Package
Shipping
LP5306
LPS
LP5306
YWX
DFN-8
3K/REEL
Y: Y is year code. W: W is week code. X: X is series number.


Similar Part No. - LP5306

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5300B6F POWER-LP5300B6F Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5300X3F POWER-LP5300X3F Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
LP5301B6F POWER-LP5301B6F Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
More results

Similar Description - LP5306

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
Over voltage and over current protection IC
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
Over voltage and over current protection IC
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
Over voltage and over current protection IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com