Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5306 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP5306
Description  Over Voltage and Over Current Protection IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP5306 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP5306 Datasheet HTML 1Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 2Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 3Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 4Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 5Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 6Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 7Page - Lowpower Semiconductor inc LP5306 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Datasheet
LP5306
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 6 of 8
LP5306 Version 0.2 JUN.-2018
Typical Performance Curves
TA=25°C, VIN= VOUT=5V, VBAT=4.2V, VDD=5V, VEN=0V, unless otherwise specified.
200ms/div.
Figure 4. VOUT short to GND
Figure 5. RSET vs. Current Limit
Figure 6. Input Voltage vs. Quiescent Current
Figure 7. Input Voltage vs. Shutdown Current
Figure 8. Input Voltage vs. Enable Threshold
Figure 9. Input Voltage vs. Battery OVP
0
0.4
0.8
1.2
1.6
2
0
20
40
60
80
100
RSET(kΩ)
0
100
200
300
400
500
600
700
3
4
5
6
7
Input Voltage (V)
0
10
20
30
40
50
60
70
80
90
100
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
3
3.5
4
4.5
5
5.5
Input Voltage (V)
EN(H)
EN(L)
4.2
4.25
4.3
4.35
4.4
4.45
4.5
3
4
5
6
Input Voltage (V)
VOUT
2V/div.
VFault
5V/div.
IIN
2A/div.
VIN
2V/div.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com