Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044A Datasheet (PDF) - Texas Instruments

TUSB1044A Datasheet PDF - Texas Instruments
Part # TUSB1044A
Download  TUSB1044A Download
File Size   2327.88 Kbytes
Page   66 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver

TUSB1044A Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB1044A Datasheet PDF - Texas Instruments

Part # TUSB1044A
Download  TUSB1044A Click to download

File Size   2327.88 Kbytes
Page   66 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver

TUSB1044A Datasheet (HTML) - Texas Instruments


TUSB1044A Product details

1 Features
• Protocol agnostic reversible 4-channel linear
redriver supporting up to 10Gbps
– USB Type-C® with USB 3.2 Gen 2 x2 and
DisplayPort™ 2.1 as alternate mode
• Supports processors with USB 3.2 and
DisplayPort™ mux integrated for Type-C
applications
• Supports signal conditioning inside Type-C cable
• Cross-point mux for SBU signals
• Linear equalization up to 11dB at 4.05GHz
• GPIO and I2C control for channel direction and
equalization
• Advanced power management by monitoring USB
power states and snooping DP link training
• Configuration through GPIO or I2C
• Hot-plug capable
• Single 3.3V supply
• Industrial temperature: –40°C to 85°C
(TUSB1044AI)
• Commercial temperature: 0°C to 70°C
(TUSB1044A)
• 6mm × 4mm, 0.4mm pitch, 40-pin QFN package

2 Applications
• Tablets
• Notebooks
• Desktops
• Docking stations

3 Description
The TUSB1044A is a USB Type-C® Alt Mode redriver
switch that supports data rates up to 10Gbps. This
protocol-agnostic linear redriver can support USB
Type-C® Alt Mode interfaces including DisplayPort™.
The TUSB1044A provides several levels of receive
linear equalization to compensate for inter-symbol
interference (ISI) due to cable and board trace loss.
The device operates on a single 3.3V supply and
comes in a commercial and industrial temperature
range.
All four lanes of the TUSB1044A are reversible
and designed to make the device a versatile signal
conditioner that can be used in many applications.




Similar Part No. - TUSB1044A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044I TI1-TUSB1044I Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044I TI1-TUSB1044I Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044IRNQR TI1-TUSB1044IRNQR Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
More results


Similar Description - TUSB1044A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
logo
NXP Semiconductors
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
PTN38007 NXP-PTN38007 Datasheet
808Kb / 59P
Multi-protocol USB4 20 Gbps linear redriver
Rev.2.1 - 8 December 2021
logo
Texas Instruments
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com