Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14535MOD Datasheet (PDF) - Renesas Technology Corp

DA14535MOD Datasheet PDF - Renesas Technology Corp
Part # DA14535MOD
Download  DA14535MOD Download
File Size   2507.14 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SmartBond TINY Bluetooth® LE Module

DA14535MOD Datasheet (PDF)

Go To PDF Page Download Datasheet
DA14535MOD Datasheet PDF - Renesas Technology Corp

Part # DA14535MOD
Download  DA14535MOD Click to download

File Size   2507.14 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SmartBond TINY Bluetooth® LE Module

DA14535MOD Datasheet (HTML) - Renesas Technology Corp


DA14535MOD Product details

▪ Bluetooth
• Compatible with Bluetooth® v5.3
• ETSI EN 300 328 and EN 300 440 Class 2
(Europe), FCC CFR47 Part 15 (US) and ARIB
STD-T66 (Japan)
• Supports up to three Bluetooth® LE
connections
• Renesas registered BD address
preprogrammed in OTP
▪ Processing and memories
• 16 MHz 32-bit Arm® Cortex® M0+ with SWD
interface
• 128 kB onboard Flash
• 64 kB RAM
• 160 kB ROM
• 12 kB OTP
▪ Current Consumption
• 2.7 mA RX at VBAT = 3 V
• 2.6 mA TX at VBAT = 3 V and 0 dBm
• 1.7 µA at sleep with all RAM retained
▪ Radio
• Programmable RF transmit power from




Similar Part No. - DA14535MOD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
DA14530-00000FX2 RENESAS-DA14530-00000FX2 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
More results


Similar Description - DA14535MOD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYBLE-343072-EVAL-M2B INFINEON-CYBLE-343072-EVAL-M2B Datasheet
3Mb / 4P
AIROC Bluetooth LE module evaluation kit
Rev. A 08 / 2022
logo
Toshiba Semiconductor
TC35667FTG TOSHIBA-TC35667FTG Datasheet
755Kb / 26P
TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart
November 2014 Rev 1.x
logo
Infineon Technologies A...
CYW20819 INFINEON-CYW20819 Datasheet
508Kb / 52P
AIROC™ Bluetooth® & Bluetooth® LE system-on-chip Ultra low power, Bluetooth® 5.2
Rev. G 2022-07-13
CYW20820 INFINEON-CYW20820 Datasheet
631Kb / 59P
AIROC™ Bluetooth® and Bluetooth® LE system on chip
Rev. G 2022-09-26
logo
Silicon Laboratories
WT11I-A SILABS-WT11I-A Datasheet
1Mb / 46P
WT11i Bluetooth® Module
Version 1.64
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Infineon Technologies A...
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
CYW20835 INFINEON-CYW20835 Datasheet
791Kb / 46P
AIROC™ Bluetooth® LE system on chip
Rev. B 2023-01-18
CY8C63X6 INFINEON-CY8C63X6 Datasheet
2Mb / 108P
PSoC™ 63 MCU with Bluetooth® LE
Rev. R 2023-05-10
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com