Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14535MOD Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # DA14535MOD
Description  SmartBond TINY Bluetooth® LE Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14535MOD Datasheet(HTML) 2 Page - Renesas Technology Corp

  DA14535MOD Datasheet HTML 1Page - Renesas Technology Corp DA14535MOD Datasheet HTML 2Page - Renesas Technology Corp DA14535MOD Datasheet HTML 3Page - Renesas Technology Corp DA14535MOD Datasheet HTML 4Page - Renesas Technology Corp DA14535MOD Datasheet HTML 5Page - Renesas Technology Corp DA14535MOD Datasheet HTML 6Page - Renesas Technology Corp DA14535MOD Datasheet HTML 7Page - Renesas Technology Corp DA14535MOD Datasheet HTML 8Page - Renesas Technology Corp DA14535MOD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
SmartBond TINY Bluetooth® LE Module
R18DS0042EE0300 Revision 3.0
June 21, 2024
CFR0011-120-00
Page 2
Key Features
▪ Bluetooth
• Compatible with Bluetooth® v5.3
• ETSI EN 300 328 and EN 300 440 Class 2
(Europe), FCC CFR47 Part 15 (US) and ARIB
STD-T66 (Japan)
• Supports up to three Bluetooth® LE
connections
• Renesas registered BD address
preprogrammed in OTP
▪ Processing and memories
• 16 MHz 32-bit Arm® Cortex® M0+ with SWD
interface
• 128 kB onboard Flash
• 64 kB RAM
• 160 kB ROM
• 12 kB OTP
▪ Current Consumption
• 2.7 mA RX at VBAT = 3 V
• 2.6 mA TX at VBAT = 3 V and 0 dBm
• 1.7 µA at sleep with all RAM retained
▪ Radio
• Programmable RF transmit power from
-18 to +3 dBm
• -92.5 dBm receiver sensitivity
▪ Interfaces
• Quadrature decoder with 3 channels
• Channel 10-bit ADC
• 2 general purpose timers with PWM
• 9 GPIOs
• SPI
• 2x UART, 1-wire UART support
• I2C
▪ Power Management
• Operating range (1.8 V-3.6 V)
• Inrush current control
▪ Other
• Real Time Clock
• Trimmed 32 MHz Crystal
▪ Packaging
• 12.5 mm x 14.5 mm x 2.8 mm package
▪ Module Software Development Kit
• Configurable DSPS
• Codeless v2.0
• SDK6 support
▪ Module Software Tools
• Flash/OTP programmer
• SUOTA support
• Battery Life Estimation
• Data Rate Monitoring
• Real-Time Power Profiling
• Production Line Testing
▪ Standards Conformance
• BT SIG QDID 216526
• Europe (CE/RED)
• UK (UKCA)
• US (FCC)
• Canada (IC)
• Japan (MIC)
• South Korea (MSIP)
• Taiwan (NCC)
• Brazil (ANATEL)
• South Africa (ICASA)
• China (SRRC)
• Thailand (NBTC)
• India (WPC)
• Australia/New Zealand (ACMA)
Applications
▪ Beacons
▪ Remote Controls
▪ Proximity tags
▪ Low Power Sensors
▪ Commissioning/Provisioning
▪ RF pipe
▪ Toys
▪ Industrial applications
▪ Data acquisition
▪ Wellness
▪ Infotainment
▪ IoT
▪ Robotics
▪ Gaming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com