Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14535MOD Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA14535MOD
Description  SmartBond TINY Bluetooth® LE Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14535MOD Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA14535MOD Datasheet HTML 9Page - Renesas Technology Corp DA14535MOD Datasheet HTML 10Page - Renesas Technology Corp DA14535MOD Datasheet HTML 11Page - Renesas Technology Corp DA14535MOD Datasheet HTML 12Page - Renesas Technology Corp DA14535MOD Datasheet HTML 13Page - Renesas Technology Corp DA14535MOD Datasheet HTML 14Page - Renesas Technology Corp DA14535MOD Datasheet HTML 15Page - Renesas Technology Corp DA14535MOD Datasheet HTML 16Page - Renesas Technology Corp DA14535MOD Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
SmartBond TINY Bluetooth® LE Module
R18DS0042EE0300 Revision 3.0
June 21, 2024
CFR0011-120-00
Page 13
6.
Mechanical Specifications
6.1
Mechanical Dimensions and Land Pattern
The module’s dimensions are accessible from the Renesas website - 16-Module.
6.2
Marking
The module’s shield marking is shown in Figure 3.
Antenna Area
J1
J5
J4
J3
J2
J6 J7 J8
J10
J9
J11
J12
J13
J14
J15
J16
10.30 ± .10 (mm)
Figure 3. Module shield marking
Marking Legend:
DA14535MOD-00F0100 yyww
yy: production year
ww: production week
All dimensions in mm. Tolerance 0.4 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com