Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14535MOD Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA14535MOD
Description  SmartBond TINY Bluetooth® LE Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14535MOD Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA14535MOD Datasheet HTML 10Page - Renesas Technology Corp DA14535MOD Datasheet HTML 11Page - Renesas Technology Corp DA14535MOD Datasheet HTML 12Page - Renesas Technology Corp DA14535MOD Datasheet HTML 13Page - Renesas Technology Corp DA14535MOD Datasheet HTML 14Page - Renesas Technology Corp DA14535MOD Datasheet HTML 15Page - Renesas Technology Corp DA14535MOD Datasheet HTML 16Page - Renesas Technology Corp DA14535MOD Datasheet HTML 17Page - Renesas Technology Corp DA14535MOD Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
SmartBond TINY Bluetooth® LE Module
R18DS0042EE0300 Revision 3.0
June 21, 2024
CFR0011-120-00
Page 14
7.
BOM
Table 9: Bill of materials
#
Designator
Type
Value
Description
Manufacturer
MPN
1
U1
IC
DA14535-00000FX2
Bluetooth Low Energy DA14535 FCGQFN24
Renesas
DA14535-00000FX2
2
U2
NOR Flash
P25Q11U-UXH-IR
FLASH 1MBIT SPI 104 MHZ 8USON 3x2x0.55 mm
Puya Semiconductor
P25Q11U-UXH-IR
3
X1
Crystal Oscillator
32 MHz 6 pF 10 ppm
SMD 32 MHz, 6 pF, 10 ppm
Tai-Saw
TZ3375C
4
L1
Inductor
2.2 uH
FIXED IND 2.2
µH 20% 1.5 A 160 mΩ
Taiyo Yuden
MAKK2016T2R2M
5
L2
Inductor
2.8 nH
INDUCTOR 2.8 nH
±0.1 nH 500 mA 0201
Murata
LQP03TN2N8B02D
6
C1
Capacitor
2.2
µF
CAP CER 2.2
µF 25 V 20% X5R 0402
Murata
GRM155R61E225ME15D
7
C2
Capacitor
10
µF
CAP CER 10
µF 6V3 20% X5R 0402
Murata
GRM155R60J106ME15D
8
C3
Capacitor
1
µF
CAP CER 1
µF 6V3 20% X7R 0402
Murata
GRM155R70J105MA12D
9
C4
Capacitor
1.6 pF
CAP CER 1p6 50 V 0.25 pF NP0 0201
Murata
GRM0335C1H1R6CA01D
10
C5
Capacitor
1.8 pF
CAP CER 1p8 50 V 0.25 pF NP0 0201
Murata
GRM0335C1H1R8CA01D
11
C7
Capacitor
0.8 pF
CAP CER 0p8 50
V ±0.1 pF NP0 0201
Murata
GRM0335C1HR80BA01
12
C9
Capacitor
10 pF
CAP CER 10PF 50
V ±5% NP0 0201
Murata
GRM0335C1H100JA01J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com