Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3033PBF Datasheet (PDF) - International Rectifier

IRU3033PBF Datasheet PDF - International Rectifier
Part # IRU3033PBF
Download  IRU3033PBF Download
File Size   164.1 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC

IRU3033PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRU3033PBF Datasheet PDF - International Rectifier

Part # IRU3033PBF
Download  IRU3033PBF Click to download

File Size   164.1 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC

IRU3033PBF Datasheet (HTML) - International Rectifier


IRU3033PBF Product details

FEATURES
LDO Controller allows the use of a low cost pass
transistor for the I/O supply
8-Pin SOIC combines switching and linear
controller
Internal pre-regulator eliminates cross talk
between switching and linear regulators
Automatic shut down of the linear regulator when
connected to the Vcc2 detect pin
On-Board MOSFET Driver
Fastest transient response of any controller
method (0 to 100% Duty Cycle in 100ns)
1% Internal Voltage Reference
Internal Under-Voltage Lockout protects MOSFET
during start-up

APPLICATIONS
Dual supply low voltage processor applications,
such as: P55C, CYRIX M2, POWER PC
and AMD K6
Simple 5V to 3.3V switcher for Pentium with AGP
or Pentium II applications




Similar Part No. - IRU3033PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3033CS IRF-IRU3033CS Datasheet
76Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
More results


Similar Description - IRU3033PBF

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
US3036 UNISEM-US3036 Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
logo
Fairchild Semiconductor
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
8-Pin PFC and PWM Controller Combo
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3034 IRF-IRU3034 Datasheet
149Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
Fairchild Semiconductor
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
logo
International Rectifier
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com