Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005ACPZ-5.0-R7 Datasheet (PDF) - Analog Devices

ADPL42005ACPZ-5.0-R7 Datasheet PDF - Analog Devices
Part # ADPL42005ACPZ-5.0-R7
Download  ADPL42005ACPZ-5.0-R7 Download
File Size   1291.47 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 500mA, Low Noise, CMOS LDO

ADPL42005ACPZ-5.0-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL42005ACPZ-5.0-R7 Datasheet PDF - Analog Devices

Part # ADPL42005ACPZ-5.0-R7
Download  ADPL42005ACPZ-5.0-R7 Click to download

File Size   1291.47 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 500mA, Low Noise, CMOS LDO

ADPL42005ACPZ-5.0-R7 Datasheet (HTML) - Analog Devices


ADPL42005ACPZ-5.0-R7 Product details

FEATURES
 Input voltage range: 4V to 20V
 Maximum output current: 500mA
 Low noise: 32μVrms for fixed output versions
 PSRR performance of 58dB at 10kHz, VOUT = 3.3V
 Reverse current protection
 Low dropout voltage: 400mV at 500mA
 Initial accuracy: ±0.8%
 Accuracy over line, load, and temperature
 −2% to +1%, TJ = −40°C to +125°C
 Low quiescent current (VIN = 10V), IGND = 900μA with 500 mA load
 Low shutdown current: <40μA at VIN = 12V, stable with small 1μF ceramic output capacitor
 Six fixed output voltage options: 1.5V, 1.8V, 2.5V, 3V, 3.3V, and 5V
 Adjustable output from 1.22V to VIN − VDO
 Foldback current limit and thermal overload protection
 User programmable precision UVLO/enable
 Power-good indicator
 8-lead LFCSP and 8-lead SOIC packages

APPLICATIONS
 Regulation to noise-sensitive applications: ADC, DAC circuits, precision amplifiers, high-frequency
oscillators, clocks, and PLLs
 Communications and infrastructure
 Medical and healthcare
 Industrial and instrumentation




Similar Part No. - ADPL42005ACPZ-5.0-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL42001 AD-ADPL42001 Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001ATT+ AD-ADPL42001ATT+ Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001ATT+T AD-ADPL42001ATT+T Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001AZT+ AD-ADPL42001AZT+ Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001AZT+T AD-ADPL42001AZT+T Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
More results


Similar Description - ADPL42005ACPZ-5.0-R7

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6203 SIPEX-SP6203 Datasheet
164Kb / 14P
Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
California Micro Device...
CM3019 CALMIRCO-CM3019 Datasheet
178Kb / 8P
Micropower, 500mA Low Noise CMOS LDO Regulator
CM3016-48 CALMIRCO-CM3016-48 Datasheet
216Kb / 10P
Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SP6203 SIPEX-SP6203_07 Datasheet
751Kb / 16P
Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
logo
Exar Corporation
SP6203EM5-L EXAR-SP6203EM5-L Datasheet
1Mb / 15P
300mA/500mA Low Noise CMOS LDO Regulators
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
500mA Low Noise CMOS LDO Regulator
logo
Exar Corporation
SP6205EM5-L-3-3-TR EXAR-SP6205EM5-L-3-3-TR Datasheet
1Mb / 15P
300mA/500mA Low Noise CMOS LDO Regulators
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com